Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV762MAX Datasheet(PDF) 15 Page - Texas Instruments

Part # LMV762MAX
Description  Low-Voltage, Precision Comparator With Push-Pull Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV762MAX Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV762MAX Datasheet HTML 11Page - Texas Instruments LMV762MAX Datasheet HTML 12Page - Texas Instruments LMV762MAX Datasheet HTML 13Page - Texas Instruments LMV762MAX Datasheet HTML 14Page - Texas Instruments LMV762MAX Datasheet HTML 15Page - Texas Instruments LMV762MAX Datasheet HTML 16Page - Texas Instruments LMV762MAX Datasheet HTML 17Page - Texas Instruments LMV762MAX Datasheet HTML 18Page - Texas Instruments LMV762MAX Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
VREF
C1
GND
V+
SD
OUT
+IN
-IN
GND
VIN
R1
R2
LMV761, LMV762, LMV762Q-Q1
www.ti.com
SNOS998I – FEBRUARY 2002 – REVISED OCTOBER 2015
9 Power Supply Recommendations
To minimize supply noise, power supplies must be decoupled by a 0.1-
μF ceramic capacitor in parallel with a
10-
μF capacitor.
Due to the nanosecond edges on the output transition, peak supply currents will be drawn during output
transitions. Peak current depends on the capacitive loading on the output. The output transition can cause
transients on poorly bypassed power supplies. These transients can cause a poorly bypassed power supply to
ring due to trace inductance and low self-resonance frequency of high ESR bypass capacitors.
Treat the LMV6x as a high-speed device. Keep the ground paths short and place small (low-ESR ceramic)
bypass capacitors directly between the V+ and Vpins.
Output capacitive loading and output toggle rate will cause the average supply current to rise over the quiescent
current.
10 Layout
10.1 Layout Guidelines
The LMV76x is designed to be stable and oscillation free, but it is still important to include the proper bypass
capacitors and ground pick-ups. Ceramic 0.1-
μF capacitors must be placed at both supplies to provide clean
switching. Minimize the length of signal traces to reduce stray capacitance.
10.2 Layout Example
Figure 26. Comparator With Hysteresis
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMV761 LMV762 LMV762Q-Q1


Similar Part No. - LMV762MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV762MAX NSC-LMV762MAX Datasheet
346Kb / 10P
   Low Voltage, Precision Comparator with Push-Pull Output
LMV762MAX NSC-LMV762MAX Datasheet
350Kb / 12P
   Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV762MAX TI1-LMV762MAX Datasheet
1Mb / 20P
[Old version datasheet]   LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
LMV762MAXNOPB TI1-LMV762MAXNOPB Datasheet
1Mb / 20P
[Old version datasheet]   LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
More results

Similar Description - LMV762MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV762 NSC-LMV762 Datasheet
350Kb / 12P
   Low Voltage, Precision Comparator with Push-Pull Output
LMV761 NSC-LMV761 Datasheet
346Kb / 10P
   Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV761 TI1-LMV761_14 Datasheet
1Mb / 20P
[Old version datasheet]   LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
   Push-Pull Output Comparator
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302 ALD-ALD2302_10 Datasheet
75Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com