Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV7219M7 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7219M7
Description  Comparator with Rail-to-Rail Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7219M7 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV7219M7 Datasheet HTML 7Page - Texas Instruments LMV7219M7 Datasheet HTML 8Page - Texas Instruments LMV7219M7 Datasheet HTML 9Page - Texas Instruments LMV7219M7 Datasheet HTML 10Page - Texas Instruments LMV7219M7 Datasheet HTML 11Page - Texas Instruments LMV7219M7 Datasheet HTML 12Page - Texas Instruments LMV7219M7 Datasheet HTML 13Page - Texas Instruments LMV7219M7 Datasheet HTML 14Page - Texas Instruments LMV7219M7 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LMV7219
www.ti.com
SNOS458G – APRIL 2000 – REVISED JANUARY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The following section explains in detail how to manipulate the hysteresis voltage of the LMV7219. Detailed
expressions are provided along with practical considerations for designing hysteresis.
8.2 Typical Application
Figure 14 shows the typical method of adding external hysteresis to a comparator. The positive feedback is
responsible for shifting the comparator trip point depending on the state of the output.
Figure 14. Additional Hysteresis
8.2.1 Design Requirements
The internal hysteresis creates two trip points, one for the rising input voltage and one for the falling input
voltage, as shown in Figure 19. The difference between the trip points is the hysteresis. With internal hysteresis,
when the comparator's input voltages are equal, the hysteresis effectively causes one comparator-input voltage
to move quickly past the other, thus taking the input out of the region where oscillation occurs. Standard
comparators require hysteresis to be added with external resistors. The fixed internal hysteresis eliminates these
resistors.
8.2.2 Detailed Design Procedure
8.2.2.1 Additional Hysteresis
If additional hysteresis is desired, this can be done with the addition of three resistors using positive feedback, as
shown in Figure 14. The positive feedback method slows the comparator response time. Calculate the resistor
values as follows:
1. Select R3. The current through R3 should be greater than the input bias current to minimize errors. The
current through R3 (IF) at the trip point is (VREF - VOUT) /R3. Consider the two possible output states when solving
for R3, and use the smaller of the two resulting resistor values. The two formulas are:
R3 = VREF/IF
(1)
When VOUT = 0:
R3 = VCC - VREF /IF
(2)
When VOUT = VCC:
2. Choose a hysteresis band required (VHB).
3. Calculate R1, where R1 = R3 X(VHB/VCC)
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV7219


Similar Part No. - LMV7219M7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7219M7 NSC-LMV7219M7 Datasheet
282Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
LMV7219M7 NSC-LMV7219M7 Datasheet
704Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
logo
Texas Instruments
LMV7219M7 TI1-LMV7219M7 Datasheet
1Mb / 27P
[Old version datasheet]   LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
LMV7219M7/NOPB TI1-LMV7219M7/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
logo
National Semiconductor ...
LMV7219M7X NSC-LMV7219M7X Datasheet
282Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
More results

Similar Description - LMV7219M7

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMV7219 NSC-LMV7219 Datasheet
282Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
LMV7219 NSC-LMV7219_04 Datasheet
704Kb / 12P
   7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
logo
Linear Dimensions Semic...
LND5432HT LINEAR_DIMENSIONS-LND5432HT Datasheet
124Kb / 1P
   Temperature-Insensitive Comparator with Rail-to-Rail
logo
Analog Devices
LTC6752 AD-LTC6752 Datasheet
700Kb / 30P
   Comparator Family with Rail-to-Rail Inputs
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com