Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM293H Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM293H
Description  Low-Power, Low-Offset Voltage, Dual Comparators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM293H Datasheet(HTML) 5 Page - Texas Instruments

  LM293H Datasheet HTML 1Page - Texas Instruments LM293H Datasheet HTML 2Page - Texas Instruments LM293H Datasheet HTML 3Page - Texas Instruments LM293H Datasheet HTML 4Page - Texas Instruments LM293H Datasheet HTML 5Page - Texas Instruments LM293H Datasheet HTML 6Page - Texas Instruments LM293H Datasheet HTML 7Page - Texas Instruments LM293H Datasheet HTML 8Page - Texas Instruments LM293H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
www.ti.com
SNOSBJ6F – OCTOBER 1999 – REVISED DECEMBER 2014
7.4 Thermal Information
LMx93
THERMAL METRIC(1)
TO-99
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
170
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics: LM193A V
+= 5 V, T
A = 25°C
Unless otherwise stated.
LM193A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Input Offset Voltage
See (1).
1.0
2.0
mV
Input Bias Current
IIN(+) or IIN(−) with Output In Linear Range, VCM = 0 V
(2)
25
100
nA
Input Offset Current
IIN(+)−IIN(−) VCM = 0 V
3.0
25
nA
Input Common Mode Voltage Range
V+ = 30 V (3)
0
V+
−1.5
V
Supply Current
RL=∞
V+=5 V
0.4
1
mA
V+=36 V
1
2.5
mA
Voltage Gain
RL≥15 kΩ, V
+=15 V
50
200
V/mV
VO = 1 V to 11 V
Large Signal Response Time
VIN=TTL Logic Swing, VREF=1.4 V
300
ns
VRL=5V, RL=5.1 kΩ
Response Time
VRL=5V, RL=5.1 kΩ
(4)
1.3
μs
Output Sink Current
VIN(−)=1V, VIN(+)=0, VO≈1.5 V
6.0
16
mA
Saturation Voltage
VIN(−)=1V, VIN(+)=0, ISINK≤4 mA
250
400
mV
Output Leakage Current
VIN(−)=0, VIN(+)=1V, VO=5 V
0.1
nA
(1)
At output switch point, VO≃1.4V, RS= 0 Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25°C.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(3)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5 V at 25°C, but either or both inputs can go to 36 V without damage, independent of the
magnitude of V+.
(4)
The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained, see
LMx93 and LM193A Typical Characteristics .
7.6 Electrical Characteristics: LM193A (V+ = 5 V)
(1)
LM193A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Input Offset Voltage
See (2)
4.0
mV
Input Offset Current
IIN(+)−IIN(−), VCM=0 V
100
nA
Input Bias Current
IIN(+) or IIN(−) with Output in Linear Range, VCM=0 V
(3)
300
nA
Input Common Mode Voltage Range
V+=30 V (4)
0
V+
−2.0
V
Saturation Voltage
VIN(−)=1V, VIN(+)=0, ISINK≤4 mA
700
mV
Output Leakage Current
VIN(−)=0, VIN(+)=1V, VO=30 V
1.0
μA
Differential Input Voltage
Keep All VIN's≥0 V (or V
, if Used), (5)
36
V
(1)
These specifications are limited to
−55°C≤TA≤+125°C, for the LM193/LM193A. With the LM293 all temperature specifications are limited
to
−25°C≤TA≤+85°C and the LM393 temperature specifications are limited to 0°C≤TA≤+70°C. The LM2903 is limited to
−40°C≤TA≤+85°C.
(2)
At output switch point, VO≃1.4V, RS= 0 Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25°C.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(4)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5 V at 25°C, but either or both inputs can go to 36 V without damage, independent of the
magnitude of V+.
(5)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3V (or 0.3V below the
magnitude of the negative power supply, if used).
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Similar Part No. - LM293H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM293H NSC-LM293H Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM293H TI1-LM293H Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM293H TI1-LM293H Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM293H/NOPB TI1-LM293H/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM293H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com