Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2903N Datasheet(PDF) 2 Page - Texas Instruments

Part No. LM2903N
Description  Low-Power, Low-Offset Voltage, Dual Comparators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903N Datasheet(HTML) 2 Page - Texas Instruments

  LM2903N Datasheet HTML 1Page - Texas Instruments LM2903N Datasheet HTML 2Page - Texas Instruments LM2903N Datasheet HTML 3Page - Texas Instruments LM2903N Datasheet HTML 4Page - Texas Instruments LM2903N Datasheet HTML 5Page - Texas Instruments LM2903N Datasheet HTML 6Page - Texas Instruments LM2903N Datasheet HTML 7Page - Texas Instruments LM2903N Datasheet HTML 8Page - Texas Instruments LM2903N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
SNOSBJ6F – OCTOBER 1999 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
2
Applications ........................................................... 1
8.2
Functional Block Diagram ....................................... 10
3
Description ............................................................. 1
8.3
Feature Description................................................. 10
4
Simplified Schematic............................................. 1
8.4
Device Functional Modes........................................ 10
5
Revision History..................................................... 2
9
Application and Implementation ........................ 11
6
Pin Configuration and Functions ......................... 3
9.1
Application Information............................................ 11
7
Specifications......................................................... 4
9.2
Typical Applications ................................................ 11
7.1
Absolute Maximum Ratings ..................................... 4
10
Power Supply Recommendations ..................... 18
7.2
ESD Ratings ............................................................ 4
11
Layout................................................................... 18
7.3
Recommended Operating Conditions ....................... 4
11.1
Layout Guidelines ................................................. 18
7.4
Thermal Information .................................................. 5
11.2
Layout Example .................................................... 18
7.5
Electrical Characteristics: LM193A V+= 5 V, TA =
25°C ........................................................................... 5
12
Device and Documentation Support ................. 19
7.6
Electrical Characteristics: LM193A (V+ = 5 V) ......... 5
12.1
Related Links ........................................................ 19
7.7
Electrical Characteristics: LMx93 and LM2903 V+= 5
12.2
Trademarks ........................................................... 19
V, TA = 25°C .............................................................. 6
12.3
Electrostatic Discharge Caution ............................ 19
7.8
Electrical Characteristics: LMx93 and LM2903 (V+ =
12.4
Glossary ................................................................ 19
5 V)(1) ......................................................................... 7
13
Mechanical, Packaging, and Orderable
7.9
Typical Characteristics: LMx93 and LM193A............ 8
Information ........................................................... 19
7.10
Typical Characteristics: LM2903 ............................ 9
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (March 2013) to Revision F
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision D (March 2013) to Revision E
Page
Changed layout of National Data Sheet to TI format ............................................................................................................ 1
2
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn