Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM193DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM193DRG4
Description  Dual Differential Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM193DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  LM193DRG4 Datasheet HTML 1Page - Texas Instruments LM193DRG4 Datasheet HTML 2Page - Texas Instruments LM193DRG4 Datasheet HTML 3Page - Texas Instruments LM193DRG4 Datasheet HTML 4Page - Texas Instruments LM193DRG4 Datasheet HTML 5Page - Texas Instruments LM193DRG4 Datasheet HTML 6Page - Texas Instruments LM193DRG4 Datasheet HTML 7Page - Texas Instruments LM193DRG4 Datasheet HTML 8Page - Texas Instruments LM193DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
36
V
VID
Differential input voltage(3)
±36
V
VI
Input voltage (either input)
–0.3
36
V
VO
Output voltage
36
V
IO
Output current
20
mA
Duration of output short circuit to ground(4)
Unlimited
TJ
Operating virtual-junction temperature
150
°C
Case temperature for 60 s
FK package
260
°C
Lead temperature 1,6 mm (1/16 in) from case for 60 s J package
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
1000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC (non-V devices)
2
30
V
VCC (V devices)
2
32
V
TJ
Junction Temperature
–40
125
°C
6.4 Thermal Information
LMx93, LM2903
PW
DGK
PS
JG
FK
THERMAL METRIC(1)
D (SOIC)
P (PDIP)
(TSSO
UNIT
(VSSOP)
(SO)
(GDIP)
(LCCC)
P)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
97
172
85
95
149
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
14.5
5.61
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1979–2015, Texas Instruments Incorporated
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V


Similar Part No. - LM193DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI1-LM193DRG4 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
LM193DRG4 TI1-LM193DRG4 Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM193DRG4 TI1-LM193DRG4 Datasheet
1Mb / 46P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
More results

Similar Description - LM193DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com