Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM193 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM193
Description  Dual Differential Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM193 Datasheet(HTML) 3 Page - Texas Instruments

  LM193_15 Datasheet HTML 1Page - Texas Instruments LM193_15 Datasheet HTML 2Page - Texas Instruments LM193_15 Datasheet HTML 3Page - Texas Instruments LM193_15 Datasheet HTML 4Page - Texas Instruments LM193_15 Datasheet HTML 5Page - Texas Instruments LM193_15 Datasheet HTML 6Page - Texas Instruments LM193_15 Datasheet HTML 7Page - Texas Instruments LM193_15 Datasheet HTML 8Page - Texas Instruments LM193_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN−
NC
NC
1IN−
NC
1IN+
NC
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
LM193, LM293, LM293A, LM393, LM393A, LM2903, LM2903V
www.ti.com
SLCS005Y – OCTOBER 1979 – REVISED JUNE 2015
5 Pin Configuration and Functions
D, DGK, JG, P, PS, or PW
FK Package
8-Pin SOIC, VSSOP, GDIP, PDIP, SO, or TSSOP
20-Pin CQCC
Top View
Top View
NC – No internal connection
Pin Functions
PIN
SOIC, VSSOP,
I/O
DESCRIPTION
NAME
GDIP, PDIP,
LCCC
SO, or TSSOP
1OUT
1
2
Output
Output pin of comparator 1
1IN-
2
5
Input
Negative input pin of comparator 1
1IN+
3
7
Input
Positive input pin of comparator 1
GND
4
10
Input
Ground
2IN+
5
12
Input
Positive input pin of comparator 2
2IN-
6
15
Input
Negative input pin of comparator 2
2OUT
7
17
Output
Output pin of comparator 2
VCC
8
20
Input
Supply Pin
1
3
4
6
8
9
NC
N/A
No Connect (No Internal Connection)
11
13
14
16
18
19
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM193 LM293 LM293A LM393 LM393A LM2903 LM2903V


Similar Part No. - LM193_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
More results

Similar Description - LM193_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com