Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM139 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM139
Description  Quad Differential Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM139 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM139_15 Datasheet HTML 7Page - Texas Instruments LM139_15 Datasheet HTML 8Page - Texas Instruments LM139_15 Datasheet HTML 9Page - Texas Instruments LM139_15 Datasheet HTML 10Page - Texas Instruments LM139_15 Datasheet HTML 11Page - Texas Instruments LM139_15 Datasheet HTML 12Page - Texas Instruments LM139_15 Datasheet HTML 13Page - Texas Instruments LM139_15 Datasheet HTML 14Page - Texas Instruments LM139_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
+
LM2901
VLOGIC
VSUP
Vref
Vin
+
LM2901
Vin-
Vin+
Rpullup
Rpullup
VLOGIC
VSUP
CL
CL
LM139, LM239, LM339, LM139A
LM239A, LM339A, LM2901, LM2901AV, LM2901V
www.ti.com
SLCS006T – OCTOBER 1979 – REVISED JUNE 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Validate and test
the design implementation to confirm system functionality.
9.1 Application Information
Typically, the LMx39 compares either a single signal to a reference or two signals. Many users take advantage of
the open-drain output to drive the comparison logic output to a logic voltage level to an MCU or logic device. The
wide supply range and high voltage capability makes LMx39 optimal for level shifting to a higher or lower voltage.
9.2 Typical Application
Figure 7. Single-ended and Differential Comparator Configurations
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0 V to Vsup-1.5 V
Supply Voltage
2 V to 36 V
Logic Supply Voltage
2 V to 36 V
Output Current (RPULLUP)
1 µA to 20 mA
Input Overdrive Voltage
100 mV
Reference Voltage
2.5 V
Load Capacitance (CL)
15 pF
9.2.2 Detailed Design Procedure
When using LMx39 in a general comparator application, determine the following:
Input voltage range
Minimum overdrive voltage
Output and drive current
Response time
9.2.2.1 Input Voltage Range
When choosing the input voltage range, the input common-mode voltage range (VICR) must be taken in to
account. If temperature operation is above or below 25°C the VICR can range from 0 V to VCC– 2 V. This limits
the input voltage range to as high as VCC– 2 V and as low as 0 V. Operation outside of this range can yield
incorrect comparisons.
Copyright © 1979–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V


Similar Part No. - LM139_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Similar Description - LM139_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com