Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37032VP44-143AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY37032VP44-143AC
Description  5V, 3.3V, ISR??High-Performance CPLDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032VP44-143AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY37032VP44-143AC Datasheet HTML 4Page - Cypress Semiconductor CY37032VP44-143AC Datasheet HTML 5Page - Cypress Semiconductor CY37032VP44-143AC Datasheet HTML 6Page - Cypress Semiconductor CY37032VP44-143AC Datasheet HTML 7Page - Cypress Semiconductor CY37032VP44-143AC Datasheet HTML 8Page - Cypress Semiconductor CY37032VP44-143AC Datasheet HTML 9Page - Cypress Semiconductor CY37032VP44-143AC Datasheet HTML 10Page - Cypress Semiconductor CY37032VP44-143AC Datasheet HTML 11Page - Cypress Semiconductor CY37032VP44-143AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *C
Page 8 of 62
IEEE 1149.1-compliant JTAG
The Ultra37000 family has an IEEE 1149.1 JTAG interface for
both Boundary Scan and ISR.
Boundary Scan
The Ultra37000 family supports Bypass, Sample/Preload,
Extest, Idcode, and Usercode boundary scan instructions. The
JTAG interface is shown in Figure 6.
In-System Reprogramming (ISR)
In-System Reprogramming is the combination of the capability
to program or reprogram a device on-board, and the ability to
support design changes without changing the system timing
or device pinout. This combination means design changes
during debug or field upgrades do not cause board respins.
The Ultra37000 family implements ISR by providing a JTAG
compliant interface for on-board programming, robust routing
resources for pinout flexibility, and a simple timing model for
consistent system performance.
Development Software Support
Warp
Warp is a state-of-the-art compiler and complete CPLD design
tool. For design entry, Warp provides an IEEE-STD-1076/1164
VHDL text editor, an IEEE-STD-1364 Verilog text editor, and a
graphical finite state machine editor. It provides optimized
synthesis and fitting by replacing basic circuits with ones pre-
optimized for the target device, by implementing logic in
unused memory and by perfect communication between fitting
and synthesis. To facilitate design and debugging, Warp
provides graphical timing simulation and analysis.
Warp Professional
Warp Professional contains several additional features. It
provides an extra method of design entry with its graphical
block diagram editor. It allows up to 5 ms timing simulation
instead of only 2 ms. It allows comparison of waveforms before
and after design changes.
Warp Enterprise
Warp Enterprise provides even more features. It provides
unlimited timing simulation and source-level behavioral
simulation as well as a debugger. It has the ability to generate
graphical HDL blocks from HDL text. It can even generate
testbenches.
Warp is available for PC and UNIX platforms. Some features
are not available in the UNIX version. For further information
see the Warp for PC, Warp for UNIX, Warp Professional and
Warp Enterprise data sheets on Cypress’s web site
(www.cypress.com).
Third-Party Software
Although Warp is a complete CPLD development tool on its
own, it interfaces with nearly every third party EDA tool. All
major third-party software vendors provide support for the
Ultra37000 family of devices. Refer to the third-party software
data sheet or contact your local sales office for a list of
currently supported third-party vendors.
Programming
There are four programming options available for Ultra37000
devices. The first method is to use a PC with the 37000
UltraISR programming cable and software. With this method,
the ISR pins of the Ultra37000 devices are routed to a
connector at the edge of the printed circuit board. The 37000
UltraISR programming cable is then connected between the
parallel port of the PC and this connector. A simple configu-
ration file instructs the ISR software of the programming
operations to be performed on each of the Ultra37000 devices
in the system. The ISR software then automatically completes
all of the necessary data manipulations required to accomplish
the programming, reading, verifying, and other ISR functions.
For more information on the Cypress ISR Interface, see the
ISR Programming Kit data sheet (CY3700i).
The second method for programming Ultra37000 devices is on
automatic test equipment (ATE). This is accomplished through
a file created by the ISR software. Check the Cypress website
for the latest ISR software download information.
The third programming option for Ultra37000 devices is to
utilize the embedded controller or processor that already
exists in the system. The Ultra37000 ISR software assists in
this method by converting the device JEDEC maps into the
ISR serial stream that contains the ISR instruction information
and the addresses and data of locations to be programmed.
The embedded controller then simply directs this ISR stream
to the chain of Ultra37000 devices to complete the desired
reconfiguring or diagnostic operations. Contact your local
sales office for information on availability of this option.
The fourth method for programming Ultra37000 devices is to
use the same programmer that is currently being used to
program FLASH370i devices.
For all pinout, electrical, and timing requirements, refer to
device data sheets. For ISR cable and software specifications,
refer to the UltraISR kit data sheet (CY3700i).
Third-Party Programmers
As with development software, Cypress support is available
on a wide variety of third-party programmers. All major third-
party programmers (including BP Micro, Data I/O, and SMS)
support the Ultra37000 family.
Figure 6. JTAG Interface
Instruction Register
Boundary Scan
idcode
Usercode
ISR Prog.
Bypass Reg.
Data Registers
JTAG
TAP
CONTROLLER
TDO
TDI
TMS
TCK


Similar Part No. - CY37032VP44-143AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37032VP44-143AC CYPRESS-CY37032VP44-143AC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
More results

Similar Description - CY37032VP44-143AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37512VP400-83BBXC CYPRESS-CY37512VP400-83BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
Micrel Semiconductor
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com