Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K5630 Datasheet(PDF) 3 Page - KODENSHI KOREA CORP.

Part No. K5630
Description  Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

K5630 Datasheet(HTML) 3 Page - KODENSHI KOREA CORP.

  K5630 Datasheet HTML 1Page - KODENSHI KOREA CORP. K5630 Datasheet HTML 2Page - KODENSHI KOREA CORP. K5630 Datasheet HTML 3Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Photocoupler
K5630 • K5631
Ambient Temperature Ta (℃ )
Forward Current vs.
Ambient Temperature
0
-20
0
20
10
20
40
30
50
Collector Current vs.
Forward Current
Forward Current IF (mA)
40
60
100
0.1
1
0.1
1
100
10
Collector-Emitter Voltage VCE (V)
Collector Current vs.
Collector-Emitter Voltage
0
2
4
6
8
10
80
Ambient Temperature Ta (℃ )
0
0.001
0.01
40
20
0.1
1
80
60
100
Dark Current vs.
Ambient Temperature
Collector Power Dissipation vs.
Ambient Temperature
-20
0
50
100
150
200
250
Ambient Temperature Ta (℃ )
20
0
60
40
100
80
100
0.001
0.01
10
10
20
30
40
0
40
20
80
60
Ambient Temperature Ta (℃ )
Collector Current vs.
Ambient Temperature
10
0
1
100
Output
Input
Test Circuit
VIN
R
RL
VO
VCC
Waveform
10%
90%
Switching Time Test Circuit
tr
tf
-20
Ta=25℃
IF=30mA
IF=20mA
IF=10mA
IF=5mA
IF=1mA
PC(max.)
VCE=10V
IF=20mA
IF=10mA
IF=5mA
IF=1mA
Ta=25℃
VCE=10V
Ta=-55℃
0.4
Forward Voltage VF (V)
20
0
80
100
40
60
0.8
1.2
Ta=70℃
Ta=25℃
Forward Current vs.
Forward Voltage
1.6
1
0.1
Load Resistance RL (㏀)
0.1
1.0
2.0
VCE=5V
IC=2mA
Ta=25℃
500
10
100
Response Time vs.
Load Resistance
tr
tf
3/3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn