Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMM40212C Datasheet(PDF) 5 Page - TRACO Electronic AG

Part No. TMM40212C
Description  AC/DC Power Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMM40212C Datasheet(HTML) 5 Page - TRACO Electronic AG

  TMM40212C Datasheet HTML 1Page - TRACO Electronic AG TMM40212C Datasheet HTML 2Page - TRACO Electronic AG TMM40212C Datasheet HTML 3Page - TRACO Electronic AG TMM40212C Datasheet HTML 4Page - TRACO Electronic AG TMM40212C Datasheet HTML 5Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
http://www.tracopower.com
Page 5 of 5
AC/DC Power Modules
TMM 40 Series
40 Watt
Outline Dimensions
TMM 40:
for PCB mount:
Weight: 310 g (10.94oz)
Weight: 320 g (11.29oz)
Pin diameter ø 1.0 mm (0.039)
1
2
5
4
6
63.5
31.75
(2.50)
(1.25)
Bottom view
3
7
27.94 (1.10)
12.70
(0.50)
15.24
(0.60)
2 x M4 THD
31.6 (1.24)
15.9 (0.63)
12.70
(0.50)
15.24
(0.60)
27.94 (1.10)
30.0
0.7
6.0
(0.03)
(0.24)
(1.18)
5
46
37
1
2
Top view
63.8 (2.51)
6.9
(0.27)
50.0 (1.97)
4 x ø3.5
34.1 (1.34)
5.0
(0.20)
11.8
(0.46)
Indication LED
TMM 40C:
for chassis mount:
NC = not to connect
Dimensions in[mm], () = Inches
Tolerances = 0.5mm (0.02)
Pin diameter ø ±0.1 mm (0.004)
Pinout / Connection
Pin/con.
Single
Dual
1
AC (N)
AC (N)
2
AC (L)
AC(L)
3
+Vout
+Vout
4
No Pin / NC No Pin / NC
5
–Vout
Common
6
No Pin / NC No Pin / NC
7
NC
–Vout
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
Rev. April 21. 2015


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn