Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3630 Datasheet(PDF) 2 Page - KODENSHI KOREA CORP.

Part No. K3630
Description  Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

K3630 Datasheet(HTML) 2 Page - KODENSHI KOREA CORP.

  K3630 Datasheet HTML 1Page - KODENSHI KOREA CORP. K3630 Datasheet HTML 2Page - KODENSHI KOREA CORP. K3630 Datasheet HTML 3Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photocoupler
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25℃ , unless otherwise noted)
IF=10mA
V=0, f=1MHz
IC=1mA
IE=0.1mA
IC=0.1mA
IE=0.1mA
IF=0, VCE=10V
VCE=0, f=1MHz
IF=10mA, IC=0.5mA
V=0, f=1MHz
VCE=5V, RL=100
IC=2mA
*4. CTR=(IC/IF) X 100 (%)
** Except for K3630
V
CTR1/CTR2
0.33
-
3.0
CTR Symmetry
BVEBO
6
-
-
CTR
IF=10mA, VCE=10V
RH=40~60%, V=500V
BVCEO
VCE(SAT)
BVECO
BVCBO
Coupled
Rise Time
Fall Time
Condition
tf
CT
-
30
50
3
10
11
-
-
10
-
-
3
-
Typ.
1.15
V
K3630 • K3631
Parameter
-
-
0.4
-
-
-
Unit.
pF
Symbol
VF
-
tr
-
RIO
-
2
-
35
-
-
-
pF
%
V
pF
-
-
6
200
Input
Output
Forward Voltage
Capacitance
Collector-Emitter Breakdown Voltage
Emitter-Collector Breakdown Voltage
Emitter-Base Breakdown Voltage **
Collector-Base Breakdown Voltage **
Input-Output Isolation Resistance
Input-Output Capacitance
Capacitance
Current Transfer Ratio
*4
Collector-Emitter Saturation Voltage
CCE
CIO
100
nA
V
V
V
70
-
Collector Dark Current
ICEO
-
-
Max.
1.30
Min.
-
2/3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn