Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMM40 Datasheet(PDF) 1 Page - TRACO Electronic AG

Part No. TMM40
Description  AC/DC Power Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TMM40 Datasheet(HTML) 1 Page - TRACO Electronic AG

  TMM40 Datasheet HTML 1Page - TRACO Electronic AG TMM40 Datasheet HTML 2Page - TRACO Electronic AG TMM40 Datasheet HTML 3Page - TRACO Electronic AG TMM40 Datasheet HTML 4Page - TRACO Electronic AG TMM40 Datasheet HTML 5Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.tracopower.com
Page 1 of 5
AC/DC Power Modules
TMM 40 Series, 40 Watt
Order code
Output power
max.
Output 1
Output 2
Efficiency
PCB mount
Chassis mount
TMM 40105
TMM 40105C
40 W
5.0 VDC / 8000 mA
81 %
TMM 40112
TMM 40112C
12 VDC / 3330 mA
84 %
TMM 40115
TMM 40115C
15 VDC / 2660 mA
85 %
TMM 40124
TMM 40124C
24 VDC / 1660 mA
84 %
TMM 40212
TMM 40212C
+12 VDC / 1660 mA
–12 VDC / 1660 mA
84 %
TMM 40215
TMM 40215C
+15 VDC / 1330 mA
–15 VDC / 1330 mA
85 %
Models
C B
Scheme
UL 60950-1
ES 60601-1
UL 60950-1
UL 60601-1
Also see:
TMM 24 Series, 24 Watt
www.tracopower.com/products/tmm24.pdf
TMM 60 Series, 60 Watt
www.tracopower.com/products/tmm60.pdf
Features
Fully encapsulated low profile plastic
casing in PCB- or chassis mount version
2 x MOPP Medical safety according to
AAMI/ANSI ES 60601-1:2005(R) and
IEC/EN 60601-1 3rd edition
IT and industrial safety according to
IEC/UL 60950-1 and UL 508
Ready to meet ErP directive
<0.3W no load power consumption
-40°C start-up temperature
Safety class II prepared
Protection against over-temperature
overload and short circuit
3-year product warranty
The TMM 40 Series of fully encapsulated 40 Watt AC/DC power supply mod-
ules feature a reinforced/double I/O isolation system according to latest medical
safety standards 60601-3 3rd edition for 2 x MOPP (Means Of Patient Protec-
tion). The high efficiency and the use of highest grade components make the units
suitable for an operating temperature range of –40°C to +60°C while it goes up
to 75°C with 50% load derating. EMI/EMC characteristics and the safety ap-
proval package qualify these modules not only for medical devices but also for
demanding applications in transportation systems and for equipment in industrial
an commercial environment.
UL 508


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn