Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37512P256-125BGC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY37512P256-125BGC
Description  5V, 3.3V, ISR??High-Performance CPLDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37512P256-125BGC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY37512P256-125BGC Datasheet HTML 2Page - Cypress Semiconductor CY37512P256-125BGC Datasheet HTML 3Page - Cypress Semiconductor CY37512P256-125BGC Datasheet HTML 4Page - Cypress Semiconductor CY37512P256-125BGC Datasheet HTML 5Page - Cypress Semiconductor CY37512P256-125BGC Datasheet HTML 6Page - Cypress Semiconductor CY37512P256-125BGC Datasheet HTML 7Page - Cypress Semiconductor CY37512P256-125BGC Datasheet HTML 8Page - Cypress Semiconductor CY37512P256-125BGC Datasheet HTML 9Page - Cypress Semiconductor CY37512P256-125BGC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *C
Page 6 of 62
f
Figure 2. I/O and Buried Macrocells
Figure 3. Input Macrocell
C2 C3
DECODE
C2 C3
DECODE
0
1
2
3
O
C6 C5
“0”
“1”
0
1
O
D/T/L
Q
R
P
0
1
2
3
O
C0
0
1
O
C4
FEEDBACK TO PIM
FEEDBACK TO PIM
BLOCK RESET
0
16
TERMS
I/O MACROCELL
I/O CELL
FROM PTM
0
1
O
D/T/L
Q
R
P
FROM PTM
1
O
C7
FEEDBACK TO PIM
BURIED MACROCELL
0
ASYNCHRONOUS
PRODUCT
0
16
TERMS
PRODUCT
C1
4
0
1
2
3
Q
4
C24
C0 C1 C24
C25
C25
4 SYNCHRONOUS CLOCKS (CLK0,CLK1,CLK2,CLK3)
1 ASYNCHRONOUS CLOCK(PTCLK)
BLOCK PRESET
ASYNCHRONOUS
FAST
SLOW
C26
SLEW
0
1
0
1
0
1
0
1
OE0 OE1
0
1
2
3
O
C12 C13
TO PIM
D
Q
D
Q
D
Q
LE
INPUT PIN
0
1
2
O
C10
FROM CLOCK
POLARITY MUXES
3
C11


Similar Part No. - CY37512P256-125BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37512P256-125BGC CYPRESS-CY37512P256-125BGC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
More results

Similar Description - CY37512P256-125BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37512VP400-83BBXC CYPRESS-CY37512VP400-83BBXC Datasheet
1Mb / 64P
   5V, 3.3V, ISRTM High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
Micrel Semiconductor
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Texas Instruments
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com