Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT3011LDT Datasheet(PDF) 10 Page - Diodes Incorporated

Part # DMT3011LDT
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT3011LDT Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button DMT3011LDT Datasheet HTML 3Page - Diodes Incorporated DMT3011LDT Datasheet HTML 4Page - Diodes Incorporated DMT3011LDT Datasheet HTML 5Page - Diodes Incorporated DMT3011LDT Datasheet HTML 6Page - Diodes Incorporated DMT3011LDT Datasheet HTML 7Page - Diodes Incorporated DMT3011LDT Datasheet HTML 8Page - Diodes Incorporated DMT3011LDT Datasheet HTML 9Page - Diodes Incorporated DMT3011LDT Datasheet HTML 10Page - Diodes Incorporated DMT3011LDT Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DMT3011LDT
Document number: DS37955 Rev. 2 - 2
10 of 11
www.diodes.com
September 2015
© Diodes Incorporated
DMT3011LDT
A
A1
A3
Seating Plane
D
E
e
Z
D/2
E/2
b
L
D2
E2
D2a
E2a
k
Y6
X1
X
Y
C
Y1
Y2
Y3
G
G1
Y5
Y4
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
V-DFN3030-8
(Type K)
Dim
Min
Max
Typ
A
0.77
0.85
0.80
A1
0
0.05
0.02
A3
0.20BSC
b
0.35
0.45
0.40
D
2.95
3.050
3.00
D2
2.30
2.50
2.40
D2a
2.30
2.50
2.40
E
2.95
3.050
3.00
E2
0.42
0.62
0.52
E2a
0.89
1.09
0.99
e
0.65BSC
k
-
-
0.35
L
0.30
0.40
0.35
z
0.325BSC
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
G
0.195
G1
0.200
X
0.450
X1
2.550
Y
0.450
Y1
1.044
Y2
0.566
Y3
0.389
Y4
0.089
Y5
1.150
Y6
3.200
V-DFN3030-8 (Type K)
V-DFN3030-8 (Type K)


Similar Part No. - DMT3011LDT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT3002LPS DIODES-DMT3002LPS Datasheet
640Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMT3002LPS DIODES-DMT3002LPS Datasheet
467Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT3002LPS-13 DIODES-DMT3002LPS-13 Datasheet
640Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMT3002LPS-13 DIODES-DMT3002LPS-13 Datasheet
467Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT3002LPS DIODES-DMT3002LPS_17 Datasheet
467Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT3011LDT

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com