Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP1555UFA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMP1555UFA
Description  12V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1555UFA Datasheet(HTML) 5 Page - Diodes Incorporated

  DMP1555UFA Datasheet HTML 1Page - Diodes Incorporated DMP1555UFA Datasheet HTML 2Page - Diodes Incorporated DMP1555UFA Datasheet HTML 3Page - Diodes Incorporated DMP1555UFA Datasheet HTML 4Page - Diodes Incorporated DMP1555UFA Datasheet HTML 5Page - Diodes Incorporated DMP1555UFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DMP1555UFA
Document number: DS37123 Rev. 2 - 2
5 of 6
www.diodes.com
September 2014
© Diodes Incorporated
DMP1555UFA
t1, PULSE DURATION TIME (sec)
Figure 12 Transient Thermal Resistance
D = 0.1
D = 0.7
D = 0.5
D = 0.05
D = 0.3
D = 0.02
D = 0.01
D = 0.005
Single Pulse
0.001
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Rthja(t)=r(t) * Rthja
Rthja=447C/W
Duty Cycle, D=t1 / t2
D = 0.9
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
X2-DFN0806-3
Dim
Min
Max
Typ
A
0.375 0.40
0.39
A1
0
0.05
0.02
A3
-
-
0.10
b
0.10
0.20
0.15
D
0.55
0.65
0.60
D1
0.35
0.45
0.40
E
0.75
0.85
0.80
E1
0.20
0.30
0.25
e
-
-
0.35
K
-
-
0.20
L
0.20
0.30
0.25
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.350
X
0.200
X1
0.450
X2
0.550
Y
0.375
Y1
0.475
Y2
1.000
A
A3
Seating Plane
A1
D
E
b (2x)
L (2x)
e
D1
E1
Pin#1
R0.075
K
X1
X2
Y2
Y1
Y (2x)
X (2x)
C


Similar Part No. - DMP1555UFA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1005UFDF DIODES-DMP1005UFDF Datasheet
494Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1005UFDF-13 DIODES-DMP1005UFDF-13 Datasheet
494Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1005UFDF-7 DIODES-DMP1005UFDF-7 Datasheet
494Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1009UFDF DIODES-DMP1009UFDF Datasheet
335Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1009UFDF-13 DIODES-DMP1009UFDF-13 Datasheet
335Kb / 7P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP1555UFA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1245UFCL DIODES-DMP1245UFCL_15 Datasheet
464Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1022UFDE DIODES-DMP1022UFDE Datasheet
212Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012USS DIODES-DMP1012USS Datasheet
375Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 3 - 2
DMP1022UFDE DIODES-DMP1022UFDE_15 Datasheet
235Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
First Components Intern...
FMT6401 FCI-FMT6401 Datasheet
381Kb / 3P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1022UFDE DIODES-DMP1022UFDE_17 Datasheet
486Kb / 8P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2305DSLT1G LRC-LP2305DSLT1G Datasheet
510Kb / 5P
   12V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP1022UFDF DIODES-DMP1022UFDF_15 Datasheet
476Kb / 6P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1012UFDF DIODES-DMP1012UFDF Datasheet
360Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1245UFCL DIODES-DMP1245UFCL Datasheet
219Kb / 7P
   12V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com