Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP1011UCB9 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP1011UCB9
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1011UCB9 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP1011UCB9 Datasheet HTML 1Page - Diodes Incorporated DMP1011UCB9 Datasheet HTML 2Page - Diodes Incorporated DMP1011UCB9 Datasheet HTML 3Page - Diodes Incorporated DMP1011UCB9 Datasheet HTML 4Page - Diodes Incorporated DMP1011UCB9 Datasheet HTML 5Page - Diodes Incorporated DMP1011UCB9 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP1011UCB9
Document number: DS37852 Rev. 2 - 2
3 of 6
www.diodes.com
July 2015
© Diodes Incorporated
DMP1011UCB9
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
0.2 0.4
0.6 0.8
1
1.2
1.4 1.6
1.8
2
V
, DRAIN -SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
V
= -1.2V
GS
V
= -1.5V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
= -4.5V
GS
V
= -4.0V
GS
V
= -1.0V
GS
0
2
4
6
8
10
0
0.5
1
1.5
2
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
= -5.0V
DS
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
1
2
3
4
5
6
V
, GATE-SOURCE VOLTAGE (V)
GS
Figure 3 Typical Transfer Characteristic
I = -2.0A
D
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Figure 4 On-Resistance Variation with Temperature
V
= -4.5V
I = -3A
GS
D
V
= -2.5V
I = -1A
GS
D
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 5 Gate Threshold Variation
vs. Ambient Temperature
A
-I = 1mA
D
-I = 250µA
D
0
0.3
0.6
0.9
1.2
1.5
0
2
4
6
8
10
V
, SOURCE-DRAIN VOLTAGE (V)
Figure 6 Diode Forward Voltage vs. Current
SD
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A


Similar Part No. - DMP1011UCB9

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1011UCB9 DIODES-DMP1011UCB9 Datasheet
454Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1011UCB9-7 DIODES-DMP1011UCB9-7 Datasheet
454Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP1011UCB9 DIODES-DMP1011UCB9_17 Datasheet
454Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP1011UCB9

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com