Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSE37 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PSE37
Description  torque control.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSE37 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PSE37 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSE37 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSE37 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSE37 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSE37 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
32 Softstarters | 1SFC132005C0201, rev. M
1SFC132005C0201, rev. M | Softstarters 33
PSE – The efficient range
Accessories
Cable connectors for Cu cables
For
softstarter type
Wire range
mm2
Tightening
torque max.
Nm
Type
Order code
Packing
piece
Weight
kg
1 piece
PSE142 …170
6-120
14
1SDA06691R1
3
0.200
PSE142 …170
2 x (50-120)
16
LZ185-2C/120 1SFN074709R1000
3
0.100
PSE210 … 370
16-300
25
1SDA055016R1
3
0.133
Cable connectors for Al and Cu cables
For
softstarter type
Wire range
mm2
Tightening
torque max.
Nm
Type
Order code
Packing
piece
Weight
kg
1 piece
PSE142 …170
95-185
31
1SDA054988R1
3
0.078
PSE210 … 370
185-240
43
1SDA055020R1
3
0.133
Terminal enlargements
For
softstarter type
Dimensions
hole ø
mm2
bar
mm
Type
Order code
Packing
piece
Weight
kg
1 piece
PSE18...105
6.5
15 x 3
LW110
1SFN074307R1000
1
0.100
PSE142...170
10.5
17.5 x 5
LW185
1SFN074707R1000
1
0.450
PSE210...370
10.5
20 x 5
LW300
1SFN075107R1000
1
1.230
Terminal nut washer
For
softstarter type
Req. qty
Type
Order code
Packing
piece
Weight
kg
1 piece
PSE142...170
2
LE185
1SFN074716R1000
2
0.200
PSE210...370
2
LE300
1SFN075116R1000
2
0.300
Terminal shrouds
For
softstarter type
Suitable for
Req. qty
Type
Order code
Packing
piece
Weight
kg
1 piece
PSE142...170
Cable connectors
2
LT185-AC
1SFN124701R1000
2
0.050
PSE142...170
Compression lugs
2
LT185-AL
1SFN124703R1000
2
0.220
PSE210...370
Cable connectors
2
LT300-AC
1SFN125101R1000
2
0.070
PSE210...370
Compression lugs
2
LT300-AL
1SFN125103R1000
2
0.280
External keypad including a 3m cable
For
softstarter type
Type
Order code
Packing
piece
Weight
kg
1 piece
PSE18...370
PSEEK
1SFA897100R1001
1
USB-cable for Service Engineer Tool
For
softstarter type
Type
Order code
Packing
piece
Weight
kg
1 piece
PSE18...370
PSECA
1SFA897201R1001
1
0.130
FieldBusPlug connection accessory
For
softstarter type
Type
Order code
Packing
piece
Weight
kg
1 piece
The same accessory for all sizes
PS-FBPA
1SFA896312R1002
1
0.060
ABB’s FieldBusPlug suitable for all sizes. See page 50-53
PSE – The efficient range
Technical data
Rated insulation voltage U
i
600 V
Analog output
Rated operational voltage U
e
208 ... 600 V +10%/-15%
Output signal reference
4 ... 20 mA
Rated control supply voltage U
s
100 ... 250 V +10%/-15%, 50/60 Hz ±5 %
Type of output signal
I Amp
Rated control circuit voltage U
c
Internal 24 V DC
Scaling
Fixed at 1.2 x I
e
Starting capacity at I
e
4xI
e for 10 sec.
Control circuit
Number of starts per hour
10 1)
Number of inputs
3 (start, stop, reset of faults)
Overload capability,
Signal indication LED’s
Overload class
10
On / Ready
green flashing / steady
Ambient temperature
Run / TOR
green flashing / steady
During operation
-25 … +60 °C 2)
Protection
yellow
During storage
-40 … +70 °C
Fault
red
Maximum Altitude
4000 m 3)
Protections
Degree of protection
Electronic overload
Yes (Class 10A, 10, 20, 30)
Main circuit
IP00
Locked rotor protection
Yes
Supply and control circuit
IP20
Underload protection
Yes
Main circuit
Built-in by-pass
Yes
Field bus connection
Cooling system - fan cooled
Connection for
(thermostat controlled)
Yes
ABB FieldBusPlug
Yes (option)
HMI for settings
External keypad
Display
4 7-segments and icons. Illuminated
Display LCD type
Keypad
2 selection keys and 2 navigation keys
Ambient temperature
Main settings
during operation
-25 … +60 °C
Setting current
Size dependent
during storage
-40 … +70 °C
Ramp time during start
1-30 sec
Degree of protection
IP66
Ramp time during stop
0-30 sec
Initial/end voltage
30-70%
Current limit
1.5-7xI
e
Torque control for start
Yes / No
Torque control for stop
Yes / No
Kick start
Off, 30-100%
Signal relays
Number of signal relays
3
K2
Run signal
K3
TOR (By-pass) signal
K1
Event signal
Rated operational voltage U
e
250 V AC/24 V DC 4)
Rated thermal current I
th
3 A
Rated operational current I
e
at AC-15 (U
e = 250 V)
1.5 A
1)
Valid for 50% on time and 50% off time. If other data is required, please contact your sales office
2)
Above 40 ºC up to max. 60 ºC reduce the rated current with 0.6% per ºC.
3)
When used at high altitudes above 1000 meters up to 4000 meters you need to derate the rated current using the following formula.
[ % of I
e = 100 -
x - 1000 ] x = actual altitude for the softstarter
150
4)
A common voltage needs to be used for all 3 signal relays
Class 30
Class 20
Class 10
Class 10 A
8
7
6
5
4
3
2
1
10 000
1000
100
10
1
0
0
Time (s)
Current (x Ie)
Tripping curves for electronic overload protection (Cold)
PS-FBPA
PSEEK
PSECA
LW...
LT ... -AC
LT ... -AL
LE185
LZ...


Similar Part No. - PSE37

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PSE30RI SCHURTER-PSE30RI Datasheet
82Kb / 7P
   Snap-in switch for switches PSE, MSM and MCS 30
More results

Similar Description - PSE37

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC8670 TRINAMIC-TMC8670 Datasheet
16Mb / 123P
   Torque Control (FOC), Velocity Control, Position Control
logo
Rosenberger Hochfrequen...
53W008-000 ROSENBERGER-53W008-000 Datasheet
281Kb / 2P
   Torque Wrench
53W009-000 ROSENBERGER-53W009-000 Datasheet
283Kb / 2P
   Torque Wrench
74W021-000 ROSENBERGER-74W021-000 Datasheet
361Kb / 2P
   TORQUE WRENCH
logo
Glenair, Inc.
600-004 GLENAIR-600-004 Datasheet
210Kb / 1P
   Torque Wrenches
logo
Rosenberger Hochfrequen...
32W100-016 ROSENBERGER-32W100-016 Datasheet
83Kb / 1P
   TORQUE WRENCH
64W021-000 ROSENBERGER-64W021-000 Datasheet
646Kb / 2P
   Torque Wrench
logo
PHOENIX CONTACT
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
   Torque screwdriver
logo
Mini-Circuits
TRQ-516-08 MINI-TRQ-516-08 Datasheet
168Kb / 1P
   Torque Wrench
logo
Glenair, Inc.
600-161 GLENAIR-600-161 Datasheet
301Kb / 1P
   Digital Torque Wrench
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com