Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMNH10H028SK3 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMNH10H028SK3
Description  100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH10H028SK3 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMNH10H028SK3 Datasheet HTML 1Page - Diodes Incorporated DMNH10H028SK3 Datasheet HTML 2Page - Diodes Incorporated DMNH10H028SK3 Datasheet HTML 3Page - Diodes Incorporated DMNH10H028SK3 Datasheet HTML 4Page - Diodes Incorporated DMNH10H028SK3 Datasheet HTML 5Page - Diodes Incorporated DMNH10H028SK3 Datasheet HTML 6Page - Diodes Incorporated DMNH10H028SK3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMNH10H028SK3
Document number: DS37383 Rev. 3 - 2
5 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMNH10H028SK3
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
10000
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
RθJA(t)=r(t) * RθJA
RθJA=78°C/W
Duty Cycle, D=t1 / t2
D=0.9
D=0.7
D=0.5
RθJA(t)=r(t) * RθJA
RθJA=78°C/W
Duty Cycle, D=t1 / t2
D=0.9
D=0.7
D=0.3
D=0.1
D=0.05
D=0.02
D=0.01
D=0.005
D=Single Pulse


Similar Part No. - DMNH10H028SK3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMNH10H028SK3 ISC-DMNH10H028SK3 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMNH10H028SK3Q DIODES-DMNH10H028SK3Q Datasheet
557Kb / 7P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH10H028SK3Q-13 DIODES-DMNH10H028SK3Q-13 Datasheet
557Kb / 7P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMNH10H028SK3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH10H028SPSQ DIODES-DMNH10H028SPSQ Datasheet
555Kb / 7P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH10H028SK3Q DIODES-DMNH10H028SK3Q Datasheet
557Kb / 7P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH10H010LCT DIODES-DMTH10H010LCT Datasheet
369Kb / 6P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH10H028SPS DIODES-DMNH10H028SPS Datasheet
629Kb / 7P
   100V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH3010LK3 DIODES-DMNH3010LK3 Datasheet
536Kb / 7P
   175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6005LPS DIODES-DMTH6005LPS Datasheet
577Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
   60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com