Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS600J03 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OS600J03
Description  Disconnect switches Non-fusible Fusible
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS600J03 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  OS600J03 Datasheet HTML 1Page - List of Unclassifed Manufacturers OS600J03 Datasheet HTML 2Page - List of Unclassifed Manufacturers OS600J03 Datasheet HTML 3Page - List of Unclassifed Manufacturers OS600J03 Datasheet HTML 4Page - List of Unclassifed Manufacturers OS600J03 Datasheet HTML 5Page - List of Unclassifed Manufacturers OS600J03 Datasheet HTML 6Page - List of Unclassifed Manufacturers OS600J03 Datasheet HTML 7Page - List of Unclassifed Manufacturers OS600J03 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Disconnect switches - Nonfusible & fusible | 7
Customize your ABB switch with our extensive line of disconnect switch
accessories. From handles to power poles, our accessory line follows the same
superior craftsmanship as the switches themselves.
Selector handles
The design of the ABB selector
handles incorporates quick and easy
mounting, ergonomic and uniform
design as well as safety in application.
The selector handle range offers base
mounting and door mounting options
with screw and snap-on features.
ABB selector handles provide door
interlock in the ON position and when
padlocked in the OFF position.
Pistol handles
Robust construction coupled with
stunning high torque allows the use of
plastic handles even with the largest
switches. ABB pistol handles are easy
to install as mounting hardware fastens
to brass inserts in the back of the
handle.
Pistol handles are available in a variety
of lengths from 65mm to 330mm for
6mm and 12mm shaft diameters. Black/
Red and Red/Yellow plastic as well
as 316L stainless steel versions are
available for use with non-fusible and
fusible disconnects.
Shafts
A full range of 6 and 12mm shafts
coordinate with selector and pistol grip
handles for all disconnect switches.
Shafts are offered in a variety of
lengths in order to meet customer
mounting depth specifications.
Flange operators
Flange operated disconnect switches
are available as rigid shaft or flexible
cable designs. The cable operated
version allows installation of the
disconnect anywhere in the enclosure
depending on the length of the cable.
Cables are available in lengths from 36
to 84 inches. Along with optional direct
mount rotary handles, ABB’s full flange
offering provides compliance with
NFPA79 and UL508A requirements for
industrial machinery operation handles.
Conversion mechanisms
Convert a standard non-fusible ABB
disconnect to a custom solution by
installing one of the available conversion
mechanisms.
• 6 or 8 pole mechanism - operates 2
switches with a single handle.
• Transfer mechanism - manually
transfers between 2 power sources.
• Bypass mechanism - operates 3
switches (2 in a series and 1 transfer
switch to provide bypass).
• Mechanical interlock - prevents 2
switches from simultaneously being in
the ON position.
Other common accessories
• Motor operators
• Terminal shrouds
• Additional power poles
• Additional terminal poles
(neutrals and grounds)
• Electro-mechanical interlocks
• Auxiliary contacts
Disconnect switch accessories
Selector handles
Pistol handles
Double throw mechanism
Shafts
Auxiliary contacts


Similar Part No. - OS600J03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OS63GB03P ETC2-OS63GB03P Datasheet
4Mb / 12P
   Switch fuses
OS63GB04N1P ETC2-OS63GB04N1P Datasheet
4Mb / 12P
   Switch fuses
OS63GB12P ETC2-OS63GB12P Datasheet
4Mb / 12P
   Switch fuses
OS63GB22N1P ETC2-OS63GB22N1P Datasheet
4Mb / 12P
   Switch fuses
OS63GBS30 ETC2-OS63GBS30 Datasheet
4Mb / 12P
   Switch fuses
More results

Similar Description - OS600J03

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RDF30CC-3N COOPER-RDF30CC-3N Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3N-COMP COOPER-RDF30J-3N-COMP Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30CC-3 COOPER-RDF30CC-3 Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3-COMP COOPER-RDF30J-3-COMP Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Schneider Electric
8538SBA21V81FF4T SCHNEIDER-8538SBA21V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA23V81AFF4P1T SCHNEIDER-8538SBA23V81AFF4P1T Datasheet
107Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA23V81FF4T SCHNEIDER-8538SBA23V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA43V81FF4T SCHNEIDER-8538SBA43V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com