Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3027LFG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3027LFG-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3027LFG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3027LFG-7 Datasheet HTML 1Page - Diodes Incorporated DMN3027LFG-7 Datasheet HTML 2Page - Diodes Incorporated DMN3027LFG-7 Datasheet HTML 3Page - Diodes Incorporated DMN3027LFG-7 Datasheet HTML 4Page - Diodes Incorporated DMN3027LFG-7 Datasheet HTML 5Page - Diodes Incorporated DMN3027LFG-7 Datasheet HTML 6Page - Diodes Incorporated DMN3027LFG-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMN3027LFG
Document number: DS38020 Rev. 3 - 2
2 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMN3027LFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.3
4.2
A
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
8.0
6.3
A
Continuous Drain Current (Note 6) VGS = 10V
t
10s
TA = +25°C
TA = +70°C
ID
9.5
7.7
A
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
6.5
4.9
A
Continuous Drain Current (Note 6) VGS = 4.5V
t
10s
TA = +25°C
TA = +70°C
ID
7.8
6.2
A
Pulsed Drain Current (Note 7)
IDM
70
A
Avalanche Current (Notes 7 & 8)
IAR
18
A
Repetitive Avalanche Energy (Notes 7 & 8) L = 0.1mH
EAR
16
mJ
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Power Dissipation (Note 5)
PD
1.0
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RθJA
130.6
°C/W
Power Dissipation (Note 6)
PD
2.07
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 6)
RθJA
62.5
°C/W
Power Dissipation (Note 6) t
10s
PD
3.0
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 6) t10s
RθJA
43.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided.
6.
Device mounted on 2” x 2” FR-4 PCB with high coverage 2 oz. Copper, single sided.
7. Repetitive rating, pulse width limited by junction temperature.
8. IAR and EAR rating are based on low frequency and duty cycles to keep TJ = +25°C.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-
-
100
nA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±25V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
0.9
1.2
1.8
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
-
13.5
18.6
m
VGS = 10V, ID = 10A
-
22
26.5
VGS = 4.5V, ID = 7.5A
Diode Forward Voltage
VSD
-
0.7
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
-
580
-
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
110
-
Reverse Transfer Capacitance
Crss
-
70
-
Gate Resistance
Rg
-
2.0
3.0
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge VGS = 4.5V
Qg
-
5.3
-
nC
VGS = 4.5V, VDS = 15V, ID = 10A
Total Gate Charge VGS = 10V
Qg
-
11.3
-
VGS = 10V, VDS = 15V,
ID = 10A
Gate-Source Charge
Qgs
-
1.9
-
Gate-Drain Charge
Qgd
-
1.9
-
Turn-On Delay Time
tD(ON)
-
4.4
-
ns
VGS = 10V, VDS = 15V,
RL = 15Ω, RG = 6Ω
Turn-On Rise Time
tR
-
4.6
-
ns
Turn-Off Delay Time
tD(OFF)
-
19.5
-
ns
Turn-Off Fall Time
tF
-
5.8
-
ns
Notes:
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMN3027LFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3020LK3 DIODES-DMN3020LK3 Datasheet
280Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3020LK3-13 DIODES-DMN3020LK3-13 Datasheet
280Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3020UFDF DIODES-DMN3020UFDF Datasheet
513Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3020UTS DIODES-DMN3020UTS Datasheet
311Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3020UTS-13 DIODES-DMN3020UTS-13 Datasheet
311Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN3027LFG-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com