Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN63D8LW-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN63D8LW-7
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN63D8LW-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN63D8LW-7 Datasheet HTML 1Page - Diodes Incorporated DMN63D8LW-7 Datasheet HTML 2Page - Diodes Incorporated DMN63D8LW-7 Datasheet HTML 3Page - Diodes Incorporated DMN63D8LW-7 Datasheet HTML 4Page - Diodes Incorporated DMN63D8LW-7 Datasheet HTML 5Page - Diodes Incorporated DMN63D8LW-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN63D8LW
Document number: DS38031 Rev. 1 - 2
4 of 6
www.diodes.com
August 2015
© Diodes Incorporated
DMN63D8LW
0.001
0.01
0.1
1
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(MAX)=150℃
T
A=25℃
Single Pulse
DUT on 1*MRP board
V
GS=10V
R
DS(ON) Limited
DC
P
W=10s
P
W=1s
P
W=100ms
P
W=10ms
P
W=1ms
P
W=
100
μs
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS=4.5V, ID=250mA
V
GS=10V, ID=250mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D=250μA
I
D=1mA
1
10
100
0
5
10
15
20
25
30
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
Ciss
Coss
Crss
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS=0V,
T
J=-55℃
V
GS=0V,
T
J=25℃
V
GS=0V,
T
J=85℃
V
GS=0V, TJ=125℃
V
GS=0V, TJ=150℃
0
2
4
6
8
10
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Q
g (nC)
Figure 11. Gate Charge
V
DS=30V, ID=150mA


Similar Part No. - DMN63D8LW-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN63D8L DIODES-DMN63D8L Datasheet
541Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN63D8L-13 DIODES-DMN63D8L-13 Datasheet
541Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN63D8L-7 DIODES-DMN63D8L-7 Datasheet
541Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN63D8LDW DIODES-DMN63D8LDW Datasheet
172Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN63D8LDW-13 DIODES-DMN63D8LDW-13 Datasheet
172Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN63D8LW-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com