Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN30H4D0LFDE Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN30H4D0LFDE
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN30H4D0LFDE Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN30H4D0LFDE Datasheet HTML 1Page - Diodes Incorporated DMN30H4D0LFDE Datasheet HTML 2Page - Diodes Incorporated DMN30H4D0LFDE Datasheet HTML 3Page - Diodes Incorporated DMN30H4D0LFDE Datasheet HTML 4Page - Diodes Incorporated DMN30H4D0LFDE Datasheet HTML 5Page - Diodes Incorporated DMN30H4D0LFDE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN30H4D0LFDE
Document number: DS36380 Rev. 4 - 2
3 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMN30H4D0LFDE
V , DRAIN-SOURCE VOLTAGE (V)
Figure 1 Typical Output Characteristics
DS
V= 2.0V
GS
V= 2.7V
GS
V= 5V
GS
V
= 10V
GS
0.0
0.3
0.6
0.9
1.2
1.5
01
2
3
4
5
V= 2.5V
GS
V= 3.0V
GS
0
0.5
1.0
1.5
2.0
2.5
3.0
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 2 Typical Transfer Characteristics
0.2
0.4
0.6
0.8
0
1.0
V
= 10V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
I , DRAIN-SOURCE CURRENT (A)
D
Figure 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
0
0.2
0.4
0.6
0.8
1.0
3.0
2.0
V
= 2.5V
GS
V
= 4.5V
GS
V
= 10V
GS
V , GATE-SOURCE VOLTAGE (V)
GS
Figure 4 Typical Transfer Characteristics
2
2.5
3
3.5
4
4.5
5
5.5
6
02
4
6
I = 100mA
D
8
1012
1416
1820
I = 300A
D
I , DRAIN CURRENT (A)
D
Figure 5 Typical On-Resistance vs.
Drain Current and Temperature
0
1
2
3
4
5
6
7
8
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6 On-Resistance Variation with Temperature
J
°
0.4
0.8
1.2
1.6
2.4
2.0
V=
V
I = 200mA
GS
D
2.7
V=
V
I= 1A
GS
D
10


Similar Part No. - DMN30H4D0LFDE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN30H4D0L DIODES-DMN30H4D0L Datasheet
383Kb / 6P
   Low Gate Threshold Voltage
DMN30H4D0L-13 DIODES-DMN30H4D0L-13 Datasheet
383Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN30H4D0L-13 DIODES-DMN30H4D0L-13 Datasheet
383Kb / 6P
   Low Gate Threshold Voltage
DMN30H4D0L-7 DIODES-DMN30H4D0L-7 Datasheet
383Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN30H4D0L-7 DIODES-DMN30H4D0L-7 Datasheet
383Kb / 6P
   Low Gate Threshold Voltage
More results

Similar Description - DMN30H4D0LFDE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com