Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2BJ-B24B-D Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # M2BJ-B24B-D
Description  Buzzer Unit Series with Cylindrical 22-mm16-dia. Body
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2BJ-B24B-D Datasheet(HTML) 5 Page - Omron Electronics LLC

  M2BJ-B24B-D Datasheet HTML 1Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 2Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 3Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 4Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 5Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 6Page - Omron Electronics LLC M2BJ-B24B-D Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M2BJ
5
Safety Precautions
Refer to Safety Precautions for All Pushbutton Switches.
Application Precautions
• When power is supplied, there is an inrush current of up to 1 A.
Confirm that this will not adversely affect operation or damage any
devices before using the M2BJ in application. There is no inrush
current with DC-only models (M2BJ-
@@@-D).
• With models that can use both AC and DC, residual energy in the
internal capacitor may cause residual sound.
Wiring
• Perform soldering promptly and correctly at a temperature of 350°C
within 3 seconds.Wait for one minute after soldering before exerting
any external force on the solder.
• If flux is required, use non-corrosive rosin liquid. Ensure that the flux
does not penetrate the inside of the case.
• In order to improve the reliability of the soldering and to prevent
pattern burnout, loop the wire through the terminal hole before
soldering.
• In order to fit the terminal holes, use lead wires with a nominal cross
sectional area of 0.25 mm2 max.
Operating Environment
• Do not use the Buzzer in environments where foreign substances
may enter the sound outlet. Otherwise, the Buzzer may not sound.
Volume Adjustment Mechanism (M2BJ-BH Only)
• Adjust the volume by turning the control knob on the face of the
Buzzer using a screwdriver. Turn to the right to increase the volume
and turn to the left to decrease the volume.
• Turn the control knob with a torque of 0.98 to 2.94 mN·m.
Short-circuiting Jumper (M2BJ-BTH)
• The Buzzer sounds continuously or intermittently depending on
how the short-circuiting bracket is attached to the case guide.
When the bracket is attached with the triangle on it facing direction
A (PC board side), the Buzzer sounds intermittently.
• To produce continuous sounds, attach the bracket to the case
guide so that the triangle on the bracket faces direction B.
• The bracket is set in direction A when ship the product. If the
bracket becomes lost, contact your OMRON representative. The
model number to order is M2BJ-BTH.
Precautions for Correct Use
LED
Control knob
Case guide
Direction A
Direction B
Bracket
Case guide
PC board
Bracket
Short-circuit Bracket Mounting Location


Similar Part No. - M2BJ-B24B-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M2BJ-B24B-D OMRON-M2BJ-B24B-D Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results

Similar Description - M2BJ-B24B-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
A16-24 OMRON-A16-24 Datasheet
517Kb / 16P
   Indicator with Cylindrical 20-mm 횞 12-dia. Body
A3C-4103 OMRON-A3C-4103 Datasheet
1Mb / 14P
   Pushbutton Switch Series with Cylindrical 20-mm 횞 12-dia. Body
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com