Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEW-H7EC Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # NEW-H7EC
Description  Self-powered Total Counter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NEW-H7EC Datasheet(HTML) 4 Page - Omron Electronics LLC

  NEW-H7EC Datasheet HTML 1Page - Omron Electronics LLC NEW-H7EC Datasheet HTML 2Page - Omron Electronics LLC NEW-H7EC Datasheet HTML 3Page - Omron Electronics LLC NEW-H7EC Datasheet HTML 4Page - Omron Electronics LLC NEW-H7EC Datasheet HTML 5Page - Omron Electronics LLC NEW-H7EC Datasheet HTML 6Page - Omron Electronics LLC NEW-H7EC Datasheet HTML 7Page - Omron Electronics LLC NEW-H7EC Datasheet HTML 8Page - Omron Electronics LLC NEW-H7EC Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
New H7EC
4
■ Characteristics
Note: 1. Industrial electromagnetic environment (EN/IEC 61326-1 Table 2)
2. Weight includes waterproof packing and flush mounting bracket.
■ Reference Value
Item
H7EC-NV-
@
H7EC-NV-
@H
H7EC-NFV-
@
H7EC-N-
@
Insulation resistance 100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal
parts, and between the backlight power
supply terminal and count input termi-
nals/reset terminals for backlight mod-
els
100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal parts
and between count input terminals and
reset terminals
100 M
Ω min. (at 500 VDC) between
current-carrying metal parts and ex-
posed non-current-carrying metal parts
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ex-
posed non-current-carrying metal parts
and between the backlight power sup-
ply terminal and count input terminals/
reset terminals for backlight models
3,700 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ex-
posed non-current-carrying metal parts
2,200 VAC, 50/60 Hz for 1 min between
reset terminals and exposed non-cur-
rent-carrying metal parts and between
count input terminals and reset termi-
nals
1,000 VAC, 50/60 Hz for 1 min between
current-carrying metal parts and ex-
posed non-current-carrying metal parts
Impulse withstand
voltage
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
3 kV between input terminals and reset
terminals
4.5 kV between current-carrying termi-
nal and exposed non-current-carrying
metal parts
Noise immunity
Square-wave noise generated by noise simulator (pulse width: 100 ns/1
μs, 1-ns rise)
±600 V (Between count input terminals/
Between reset terminals)
±480 V (Between the backlight power
supply terminals for backlight models)
±1.5 kV (Between count input termi-
nals)
±500 V (Between reset terminals)
±500 V (Between count input terminals/
Between reset terminals)
Static immunity
±8 kV (malfunction)
Vibration resistance Malfunction: 0.15-mm single amplitude at 10 to 55 Hz for 10 min each in 3 directions
Destruction: 0.375-mm single amplitude at 10 to 55 Hz for 2 hrs each in 3 directions
Shock resistance
Malfunction: 200 m/s2 3 times each in 6 directions
Destruction: 300 m/s2 3 times each in 6 directions
EMC
(EMI)
EN61326-1 (See note 1.)
Emission Enclosure:
EN55011 Group 1 class B
(EMS)
EN61326-1 (See note 1.)
Immunity ESD:
EN61000-4-2: 4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference from AM Radio Waves:
EN61000-4-3: 10 V/m (80 MHz to 1 GHz) (level 3)
Immunity RF-interference from Pulse-modulated Radio Waves:
EN61000-4-3: 10 V/m (900 MHz
± 5 MHz) (level 3)
Immunity Conducted Disturbance: EN61000-4-6: 10 V (0.15 to 80 MHz) (level 3)
Immunity Burst:
EN61000-4-4: 2 kV power line (level 3)
2 kV I/O signal line (level 4)
Degree of protection Front panel:
IP66, NEMA4
Terminal block: IP20
Weight (see note 2.) No-backlight model: Approx. 60 g
Backlight model: Approx. 65 g
Approx. 60 g
Approx. 60 g
Item
Value
Note
Battery life
7 years min. with continuous input at 25
°C
(lithium battery)
The battery life is calculated according to the conditions in the left column and
therefore is not a guaranteed value. Use these value as reference for mainte-
nance or replacement.


Similar Part No. - NEW-H7EC

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
NEWDWG RICHCO-NEWDWG Datasheet
108Kb / 1P
   LED MOUNTS
More results

Similar Description - NEW-H7EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H7ET ETC-H7ET Datasheet
449Kb / 7P
   Self-powered Time Counter
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
   Self-powered operation
logo
Linear Technology
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
   Self-Powered Isolated Comparator
LTC1531 LINER-LTC1531 Datasheet
266Kb / 16P
   Self-Powered Isolated Comparator
logo
EnOcean GmbH.
ESRPU ENOCEAN-ESRPU Datasheet
282Kb / 2P
   Self-powered, Wireless Switch
logo
STMicroelectronics
AN1040 STMICROELECTRONICS-AN1040 Datasheet
33Kb / 4P
   FOR USB SELF-POWERED DEVICES
logo
Mallory performance clu...
PN8991 MALLORY-PN8991 Datasheet
165Kb / 2P
   MSD Self-Powered Timing Light
logo
Maxim Integrated Produc...
MAX4886EVKIT MAXIM-MAX4886EVKIT Datasheet
282Kb / 8P
   Self-Powered from HDMI Source
Rev 0; 3/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com