Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2BJ-B06B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # M2BJ-B06B
Description  Buzzer Unit Series with Cylindrical 22-mm16-dia. Body
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2BJ-B06B Datasheet(HTML) 3 Page - Omron Electronics LLC

  M2BJ-B06B Datasheet HTML 1Page - Omron Electronics LLC M2BJ-B06B Datasheet HTML 2Page - Omron Electronics LLC M2BJ-B06B Datasheet HTML 3Page - Omron Electronics LLC M2BJ-B06B Datasheet HTML 4Page - Omron Electronics LLC M2BJ-B06B Datasheet HTML 5Page - Omron Electronics LLC M2BJ-B06B Datasheet HTML 6Page - Omron Electronics LLC M2BJ-B06B Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
M2BJ
3
Specifications
Buzzer
* Tone
Model
Standard-sound Models
Item
M2BJ-B06
M2BJ-B06A
M2BJ-B06B
M2BJ-B06C
Operating voltage
6 VAC/VDC
Sound pressure (at 0.1 m and rated voltage)
Continuous sound: 80 dB (phons) min.
Driving frequency
2
±0.5 kHz
4
±0.5 kHz
Intervals
190 times/minute
±10%
*2 Long:55 times/minute
±10%
190 times/minute±10%
*4 Long:55 times/minute
±10%
*1 Short:700 times/minute
±10%
*3 Short:700 times/minute
±10%
Current
consumption
DC
7 mA max.
20 mA max.
AC
20 mA max.
Inrush current
1 A max.
Life expectancy
1,000 hours min.
Insulation resistance
100 M
Ω min. (between ground and current-carrying parts)
Dielectric strength
1,000 VAC for 1 minute (between grounds)
Ambient operating temperature
−10°C to 55°C (no icing or condensation)
Ambient operating humidity
35% to 85%RH
Ambient storage temperature
−25°C to 65°C (no icing or condensation)
Degree of protection
IP 40
Weight
Approx. 9 g
Model
Standard-sound Models
Item
M2BJ
-B24
M2BJ-B24A
M2BJ
-B24B
M2BJ-B24C
M2BJ-B24-D
M2BJ-B24B-D
Operating voltage
12 to 24 VAC/VDC
12 to 24 VDC
Sound pressure (at 0.1 m and rated voltage)
Continuous sound: 80 dB (phons) min.
Driving frequency
2
±0.5 kHz
4
±0.5 kHz
2
±0.5 kHz
4
±0.5 kHz
Intervals
190 times/
minute
±10%
*2 Long:55 times/minute±10%
190 times/
minute
±10%
*4 Long:55 times/minute
±10%
190 times/minute
±10%
*1 Short:700 times/minute±10%
*3 Short:700 times/minute
±10%
Current
consumption
DC
7 mA max.
20 mA max.
7 mA max.
20 mA max.
AC
20 mA
---
Inrush current
1 A max.
---
Life expectancy
1,000 hours min.
Insulation resistance
100 M
Ω min. (between ground and current-carrying parts)
Dielectric strength
1,000 VAC for 1 minute (between grounds)
Ambient operating temperature
−10°C to 55°C (no icing or condensation)
Ambient operating humidity
35% to 85%RH
Ambient storage temperature
−25°C to 65°C (no icing or condensation)
Degree of protection
IP 40
Weight
Approx. 9 g
Model
High-sound Models
Item
M2BJ-BH06D
M2BJ-BH24D
M2BJ-BH06E
M2BJ-BH24E
M2BJ-BH24D-D
M2BJ-BH24E-D
Operating voltage
6 VAC/VDC
12 to 24 VAC/VDC
6 VAC/VDC
12 to 24 VAC/VDC
12 to 24 VDC
Sound pressure (The sound pressure
can be adjusted. The figure for sound
pressure given above is for measurement
at a distance of 0.1 m at the rated voltage.)
70 to 95 dB (phons)
Driving frequency
3
±0.5 kHz
Intervals
Approx. 190 times/min.
*6 Long: Approx. 55 times/min.
Approx.190 times/min.
*6 Long: Approx.55 times/min.
*5 Short: Approx. 700 times/min.
*5 Short: Approx.700 times/min.
Current
consumption
DC
50 mA max.
AC
100 mA max.
---
Inrush current
1 A max.
---
Life expectancy
1,000 hours min.
Insulation resistance
100 M
Ω min. (between ground and current-carrying parts)
Dielectric strength
1,000 VAC for 1 minute (between grounds)
Ambient operating temperature
−10°C to 55°C (no icing or condensation)
Ambient operating humidity
35% to 85%RH
Ambient storage temperature
−25°C to 65°C (no icing or condensation)
Degree of protection
IP 40
Weight
Approx. 12 g
*1
Standard
volume
High volume
Bird cry
*2
Telephone busy signal
*3
Continuous (high pitch)
Short beeps
*4
Long beeps
*5
High volume
Intermittent
Alternating high-low pitch
*6
Long beeps


Similar Part No. - M2BJ-B06B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M2BJ-B06B OMRON-M2BJ-B06B Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
More results

Similar Description - M2BJ-B06B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M2BJ-B06 OMRON-M2BJ-B06 Datasheet
569Kb / 6P
   Buzzer Unit Series with Cylindrical 22-mm 횞 16-dia. Body
A16-24 OMRON-A16-24 Datasheet
517Kb / 16P
   Indicator with Cylindrical 20-mm 횞 12-dia. Body
A3C-4103 OMRON-A3C-4103 Datasheet
1Mb / 14P
   Pushbutton Switch Series with Cylindrical 20-mm 횞 12-dia. Body
A165-CJA OMRON-A165-CJA Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A16L-AG OMRON-A16L-AG Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165S-A2M OMRON-A165S-A2M Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16S-2N-2 OMRON-A16S-2N-2 Datasheet
1Mb / 17P
   Separate Construction with Cylindrical 16-dia. Body
A16ZA-5050 OMRON-A16ZA-5050 Datasheet
1Mb / 27P
   Separate Construction with Cylindrical 16-dia. Body
A16-12DSR OMRON-A16-12DSR Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
A165-JGM-2 OMRON-A165-JGM-2 Datasheet
3Mb / 28P
   Separate Construction with Cylindrical 16-dia. Body
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com