Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC1F800 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LC1F800
Description  unequipped contactor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F800 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LC1F800 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1F800 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Depth
255 mm
Product weight
18,75 kg
Environment
Standards
EN 60947-1
EN 60947-4-1
IEC 60947-1
IEC 60947-4-1
JEM 1038
Product certifications
BV
CCC
CSA
DNV (Det Norske Veritas)
GL
LROS (Lloyds register of shipping)
RINA
RMR0S
UL
IP degree of protection
IP2x IEC 60529
IP2x VDE 0106
Protective treatment
TH
Ambient air temperature for operation
-5...55 °C
Ambient air temperature for storage
-60...80 °C
Operating altitude
3000 m without
Shock resistance
6 gn contactor opened
15 gn contactor closed
Vibration resistance
2 gn contactor opened 5...300 Hz
4 gn contactor closed 5...300 Hz
RoHS EUR conformity date
0843
RoHS EUR status
Compliant


Similar Part No. - LC1F800

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1F800FW SCHNEIDER-LC1F800FW Datasheet
157Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 800 A - coil 110...125 V DC
LC1F800MW SCHNEIDER-LC1F800MW Datasheet
157Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 800 A - coil 220...230 V DC
LC1F800QW SCHNEIDER-LC1F800QW Datasheet
157Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 800 A - coil 400 V DC
More results

Similar Description - LC1F800

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
1309427103-E METZ-1309427103-E Datasheet
245Kb / 6P
   Modul REGplus IP20 light gray unequipped
2022/07/15 Version: Q
logo
PHOENIX CONTACT
1212423 PHOENIX-1212423 Datasheet
48Kb / 2P
   Tool bag, unequipped - TOOL-KIT STANDARD EMPTY
1212500 PHOENIX-1212500 Datasheet
48Kb / 2P
   Tool bag, unequipped - TOOL-BAG EMPTY
1212502 PHOENIX-1212502 Datasheet
48Kb / 2P
   Tool bag, unequipped - TOOL-BELTPOUCH EMPTY
logo
METZ CONNECT GmbH
1309428103-E METZ-1309428103-E Datasheet
219Kb / 6P
   Keystone REGplus IP20 light gray unequipped
2022/07/15 Version: O
130861-0602KE METZ-130861-0602KE Datasheet
1Mb / 5P
   Keystone surface mount housing 6 port pure white, unequipped
2022/12/21 Version: H
130861-0802-E METZ-130861-0802-E Datasheet
1Mb / 6P
   Modul surface mount housing 8 port pure white, unequipped
2022/07/13 Version: Q
130861-1202-E METZ-130861-1202-E Datasheet
1Mb / 6P
   Modul surface mount housing 12 port pure white, unequipped
2022/07/13 Version: P
130861-1202KE METZ-130861-1202KE Datasheet
2Mb / 5P
   Keystone surface mount housing 12 port pure white, unequipped
2022/12/15 Version: H
130861-0302-E METZ-130861-0302-E Datasheet
823Kb / 6P
   Modul surface mount housing 3 port pure white, unequipped
2022/07/13 Version: Q
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com