Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K4N25 Datasheet(PDF) 1 Page - KODENSHI KOREA CORP.

Part No. K4N25
Description  Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KODENSHI [KODENSHI KOREA CORP.]
Homepage  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.

K4N25 Datasheet(HTML) 1 Page - KODENSHI KOREA CORP.

  K4N25 Datasheet HTML 1Page - KODENSHI KOREA CORP. K4N25 Datasheet HTML 2Page - KODENSHI KOREA CORP. K4N25 Datasheet HTML 3Page - KODENSHI KOREA CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photocoupler
FEATURES
• Switching Time - Typ. 3㎲
• Collector-Emitter Voltage : Min.30V
• Current Transfer Ratio : Typ.100% (at IF=10mA, VCE=10V)
• Electrical Isolation Voltage : AC2500Vrms
• UL Recognized File No. E107486
APPLICATIONS
• Interface between two circuits of different potential
• Traffic Controller System
• Programmable Controller
MAXIMUM RATINGS
(Ta=25℃ )
*1. Input current with 100㎲ pulse width, 1% duty cycle
*2. Measured at RH=40~60% for 1min
*3. 1/16 inch form case for 10sec
*4. Customer Option
Total Power Dissipation
Ptot
200
mW
Parameter
Symbol
Rating
Unit
Input
Forward Current
IF
80
Reverse Voltage
VR
5
Peak
Forward Current *1
IFP
3
mA
V
A
Power Dissipation
PD
70
mW
Output
Collector-Emitter Breakdown Voltage
BVCEO
35
*4
Emitter-Collector Breakdown Voltage
BVECO
6
Collector-Base Breakdown Voltage
BVECO
70
V
V
V
Collector Current
IC
50
mA
Collector Power Dissipation
PC
150
mW
Input to Output Isolation Voltage
*2
Viso
AC2500
Vrms
Storage Temperature
Tstg
-55~+125
• Vending Machine, Voltage Regulator
Operating Temperature
Topr
-30~+100
Lead Soldering Temperature
*3
Tsol
260
K4N25 • K4N25A
These Photocouplers consist of a Gallium Arsenide Infrared Emitting
Diode and a Silicon NPN Phototransistor in a 6-pin package.
1/3
DIMENSION
(Unit : mm)
8.9 0.25
2.54 0.25
1
2
3
1.2
0.5
7.62
0.25
6.4
0.25
0 -15
6
5
4
Orientation Mark
3
2
1
6
5
4


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn