Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD501DCANH3 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # TD501DCANH3
Description  Industrial Bus
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD501DCANH3 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TD501DCANH3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD501DCANH3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD501DCANH3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TD501DCANH3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial Bus
TDx01DCANH3 Series
2014.07.30-A/1
Page 1 of4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Single high rate CAN isolation transceiver module
(enhanced version)
FEATURES
l
Two-terminal isolation between input and output
l
Integrated Isolated DC/DC converter
l
Isolation voltage:2500VDC
l
Operating temperature range:-40℃~+105℃
l
High speed data rate : 1 Mbps
l
Complies with ISO 11898 standard
l
An unpowered node does not disturb the bus lines
l
Connect up to 110 nodes on one bus
l
ESD (human discharge model ± 4KV) protection,
complete EMC recommended circuit
High speed CAN isolation transceiver TD301DCANH3/TD501DCANH3 series are CAN bus transceiver module with integrated power isolation
power, signal isolation chip ,and CAN transceiver chip.
The main function of Products is to switch from logic level to CAN bus difference level, achieve signal isolation. The product is with
constant-voltage source isolation power. It can achieve 2500 VDC electrical isolation, and has the function of ESD protection. Products
can be easily embedded in the user equipment, achieve function of CAN bus network connection easily.
Selection Guide
Part No.
Power Supply input (VDC)
TD301DCANH3
3.0~3.6
TD501DCANH3
4.5~5.5
Input Specifications
Item
Operating Conditions
Value
Input Power Supply
Static current
Products energized, no
communication
TD301DCANH3≤40mA,TD501DCANH3≤30mA
Input
Serial interface
TD301DCANH3: Compatible with the CAN control port of +3.3V
TD501DCANH3: Compatible with the CAN control port of +5V
Pin current
ITXD≤2mA;IRXD≤2mA
Bus Interface
Item
Operating Conditions
Value
Output
CAN bus interface
Up to standard of ISO-11898, twisted-pair output
The max DC voltage of
bus pin
-58V~+58V
Bus protection
Over-voltage bus protected, thermally protected and high-
voltage transient protected
Transmission Specifications
Item
Operating Conditions
Value
Data Rate
1Mbps (max.)
The Number of Nodes
110 nodes (min.)
General Specifications
Item
Operating Conditions
Value
Electric Isolation
Two -terminal isolation (input and output)
Degree of Isolation
testing for 1 minute, leakage current <5mA,
humidity <95%
2.5KVDC


Similar Part No. - TD501DCANH3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD501DCANH3 MORNSUN-TD501DCANH3 Datasheet
872Kb / 3P
   SINGLE HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
More results

Similar Description - TD501DCANH3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301D485H MORNSUN-TD301D485H_15 Datasheet
253Kb / 4P
   Industrial Bus
TDH301D485H MORNSUN-TDH301D485H_15 Datasheet
478Kb / 4P
   Industrial Bus
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
BOSER Technology Co., L...
HS-7238S BOSER-HS-7238S_1 Datasheet
3Mb / 88P
   Pentium짰 4 PCI-ISA Bus Industrial Single Board Computer
logo
Rohm
BR25H020F-2LB ROHM-BR25H020F-2LB Datasheet
989Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H320F-2LB ROHM-BR25H320F-2LB Datasheet
963Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H010F-2LB ROHM-BR25H010F-2LB Datasheet
987Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
BR25H160F-2LB ROHM-BR25H160F-2LB Datasheet
986Kb / 31P
   Serial EEPROM Series Industrial EEPROM 125??Operation SPI BUS EEPROM
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com