Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC1F330G7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LC1F330G7
Description  330 A - coil 120 V AC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F330G7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LC1F330G7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1F330G7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1F330G7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1F330G7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Product certifications
BV
CCC
CSA
DNV
GL
RINA
RMRoS
UL
LROS
Connections - terminals
Power circuit: bar 2 x ( 30 x 5 mm)
Power circuit: lugs-ring terminals 1 cable(s) 0.37 in² (240
mm²)
Control circuit: screw clamp terminals 2 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: solid - without cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: solid - without cable end
Control circuit: screw clamp terminals 2 cable(s) 0...0 in²
(1...2.5 mm²) - cable stiffness: flexible - with cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: flexible - with cable end
Control circuit: screw clamp terminals 2 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: flexible - without cable
end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: flexible - without cable
end
Tightening torque
Power circuit: 309.73 lbf.in (35 N.m)
Control circuit: 10.62 lbf.in (1.2 N.m)
Operating time
100...170 ms opening
40...65 ms closing
Mechanical durability
10 Mcycles
Operating rate
2400 cyc/h at <= 131 °F (55 °C)
Complementary
Control circuit voltage limits
0.35...0.55 Uc at 131 °F (55 °C) drop-out 40...400 Hz
0.85...1.1 Uc at 131 °F (55 °C) operational 40...400 Hz
Inrush power in VA
650 VA at 68 °F (20 °C) (cos ϕ 0.9) 40...400 Hz
Hold-in power consumption in VA
10 VA at 68 °F (20 °C) (cos ϕ 0.9) 40...400 Hz
Heat dissipation
8 W
Environment
IP degree of protection
IP20 front face with shrouds (ordered separately) conforming to VDE 0106
IP20 front face with shrouds (ordered separately) conforming to IEC 60529
Protective treatment
TH
Ambient air temperature for operation
23...131 °F (-5...55 °C)
Ambient air temperature for storage
-76...176 °F (-60...80 °C)
Permissible ambient air temperature around the
device
-40...158 °F (-40...70 °C)
Operating altitude
9842.52 ft (3000 m) without derating in temperature
Mechanical robustness
Shocks contactor open 6 Gn for 11 ms
Vibrations contactor closed 5 Gn, 5...300 Hz
Shocks contactor closed 15 Gn for 11 ms
Vibrations contactor open 2 Gn, 5...300 Hz
Height
8.11 in (206 mm)
Width
8.39 in (213 mm)
Depth
8.62 in (219 mm)
Product weight
18.96 lb(US) (8.6 kg)


Similar Part No. - LC1F330G7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1F330G7 SCHNEIDER-LC1F330G7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 120 V AC
More results

Similar Description - LC1F330G7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1F265G7 ETC2-LC1F265G7 Datasheet
76Kb / 4P
   265 A - coil 120 V AC
LC1D806G7 ETC2-LC1D806G7 Datasheet
79Kb / 4P
   80 A - 120 V AC coil
logo
Schneider Electric
LC1F330G7 SCHNEIDER-LC1F330G7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 120 V AC
logo
List of Unclassifed Man...
LC1F330 ETC2-LC1F330 Datasheet
72Kb / 3P
   330 A - without coil
logo
Schneider Electric
LC1F330E7 SCHNEIDER-LC1F330E7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 48 V AC
LC1F330F7 SCHNEIDER-LC1F330F7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 110 V AC
LC1F330B7 SCHNEIDER-LC1F330B7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 24 V AC
LC1F330S7 SCHNEIDER-LC1F330S7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 500 V AC
LC1F330U7 SCHNEIDER-LC1F330U7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 240 V AC
LC1F330N7 SCHNEIDER-LC1F330N7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 330 A - coil 415 V AC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com