Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6007KNJ Datasheet(PDF) 3 Page - Rohm

Part # R6007KNJ
Description  Nch 600V 7A Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6007KNJ Datasheet(HTML) 3 Page - Rohm

  R6007KNJ Datasheet HTML 1Page - Rohm R6007KNJ Datasheet HTML 2Page - Rohm R6007KNJ Datasheet HTML 3Page - Rohm R6007KNJ Datasheet HTML 4Page - Rohm R6007KNJ Datasheet HTML 5Page - Rohm R6007KNJ Datasheet HTML 6Page - Rohm R6007KNJ Datasheet HTML 7Page - Rohm R6007KNJ Datasheet HTML 8Page - Rohm R6007KNJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
R6007KNJ
          
               
Datasheet
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Forward Transfer
Admittance
|Yfs|*6
VDS = 10V, ID = 3.5A
1.9
3.8
-
S
Input capacitance
Ciss
VGS = 0V
-
470
-
pF
Output capacitance
Coss
VDS = 25V
-
440
-
Reverse transfer capacitance
Crss
f = 1MHz
-
20
-
Turn - on delay time
td(on)*6
VDD 300V, VGS = 10V
-
18
-
ns
Rise time
tr*6
ID = 3.5A
-
22
-
Turn - off delay time
td(off)*6
RL 86.6Ω
-
35
-
Fall time
tf*6
RG = 10Ω
-
25
-
l
lGate charge characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*6
VDD 300V
-
14.5
-
nC
Gate - Source charge
Qgs*6
ID = 7A
-
4.2
-
Gate - Drain charge
Qgd*6
VGS = 10V
-
5.8
-
Gate plateau voltage
V(plateau)
VDD 300V, ID = 7A
-
6.8
-
V
*1 Limited only by maximum channel temperature allowed.
*2 Pw ≤ 10μs, Duty cycle ≤ 1%
*3 L100mH, VDD=50V, RG=25Ω, STARTING Tj=25
*4 TC=25
*5 Mounted on a epoxy PCB FR4 (25mm x 27mm x 0.8mm)
*6 Pulsed
                                                         
 
                               
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
3/12
20150911 - Rev.001


Similar Part No. - R6007KNJ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R6007KNJ ISC-R6007KNJ Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - R6007KNJ

ManufacturerPart #DatasheetDescription
logo
Rohm
R6007ENJ ROHM-R6007ENJ Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007JNX ROHM-R6007JNX Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007JND3 ROHM-R6007JND3 Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007ENX ROHM-R6007ENX Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007END3 ROHM-R6007END3 Datasheet
2Mb / 16P
   Nch 600V 7A Power MOSFET
R6007RND3 ROHM-R6007RND3 Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
20220425 - Rev.001
R6007JNJ ROHM-R6007JNJ Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007MND3 ROHM-R6007MND3 Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R6007KNX ROHM-R6007KNX Datasheet
2Mb / 14P
   Nch 600V 7A Power MOSFET
R5007FNX ROHM-R5007FNX Datasheet
3Mb / 14P
   Nch 500V 7A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com