Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6004KNJ Datasheet(PDF) 11 Page - Rohm

Part # R6004KNJ
Description  Nch 600V 4A Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

R6004KNJ Datasheet(HTML) 11 Page - Rohm

Back Button R6004KNJ Datasheet HTML 5Page - Rohm R6004KNJ Datasheet HTML 6Page - Rohm R6004KNJ Datasheet HTML 7Page - Rohm R6004KNJ Datasheet HTML 8Page - Rohm R6004KNJ Datasheet HTML 9Page - Rohm R6004KNJ Datasheet HTML 10Page - Rohm R6004KNJ Datasheet HTML 11Page - Rohm R6004KNJ Datasheet HTML 12Page - Rohm R6004KNJ Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
R6004KNJ
           
               
Datasheet
l
lMeasurement circuits
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
Fig.3-1 Avalanche Measurement Circuit
Fig.3-2 Avalanche Waveform
Fig.4-1 dv/dt Measurement Circuit
Fig.4-2 dv/dt Waveform
Fig.5-1 dv/dt Measurement Circuit
Fig.5-2 dv/dt Waveform
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
11/12
20150911 - Rev.001


Similar Part No. - R6004KNJ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R6004KNJ ISC-R6004KNJ Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - R6004KNJ

ManufacturerPart #DatasheetDescription
logo
Rohm
R6004ENX ROHM-R6004ENX Datasheet
812Kb / 13P
   Nch 600V 4A Power MOSFET
R6004PND3FRA ROHM-R6004PND3FRA Datasheet
1Mb / 14P
   Nch 600V 4A Power MOSFET
R6004END ROHM-R6004END Datasheet
2Mb / 14P
   Nch 600V 4A Power MOSFET
R6004KND ROHM-R6004KND Datasheet
2Mb / 15P
   Nch 600V 4A Power MOSFET
R6004RND3 ROHM-R6004RND3 Datasheet
2Mb / 14P
   Nch 600V 4A Power MOSFET
20220614 - Rev.001
R6004JND3 ROHM-R6004JND3 Datasheet
2Mb / 14P
   Nch 600V 4A Power MOSFET
R6004JNJ ROHM-R6004JNJ Datasheet
2Mb / 14P
   Nch 600V 4A Power MOSFET
R6004JNX ROHM-R6004JNX Datasheet
2Mb / 14P
   Nch 600V 4A Power MOSFET
R6004END3 ROHM-R6004END3 Datasheet
2Mb / 16P
   Nch 600V 4A Power MOSFET
R6004KNX ROHM-R6004KNX Datasheet
2Mb / 13P
   Nch 600V 4A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com