Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS8K1 Datasheet(PDF) 14 Page - Rohm

Part # HS8K1
Description  30V Nch plus Nch Middle Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HS8K1 Datasheet(HTML) 14 Page - Rohm

Back Button HS8K1 Datasheet HTML 10Page - Rohm HS8K1 Datasheet HTML 11Page - Rohm HS8K1 Datasheet HTML 12Page - Rohm HS8K1 Datasheet HTML 13Page - Rohm HS8K1 Datasheet HTML 14Page - Rohm HS8K1 Datasheet HTML 15Page - Rohm HS8K1 Datasheet HTML 16Page - Rohm HS8K1 Datasheet HTML 17Page - Rohm HS8K1 Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
HS8K1
           
               
Datasheet
l
lElectrical characteristic curves <Tr2>
Fig.17 Typical Capacitance vs. Drain -
 Source Voltage
Fig.18 Switching Characteristics
Fig.19 Dynamic Input Characteristics
Fig.20 Source Current vs. Source Drain
 Voltage
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
14/16
20151211 - Rev.003


Similar Part No. - HS8K1

ManufacturerPart #DatasheetDescription
logo
Rohm
HS8K11 ROHM-HS8K11 Datasheet
3Mb / 19P
   30V NchNch Power MOSFET
More results

Similar Description - HS8K1

ManufacturerPart #DatasheetDescription
logo
Rohm
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8S36 ROHM-HP8S36 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
QS8K2FRA ROHM-QS8K2FRA Datasheet
1Mb / 14P
   30V Nch Nch Middle Power MOSFET
SP8K2FRA ROHM-SP8K2FRA Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
RQ3E100BN ROHM-RQ3E100BN Datasheet
2Mb / 12P
   Nch 30V 10A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com