Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 5 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 5 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
1/32 DIN Digital Panel Meter
K3GN
K-11
Connections
■ Terminal Arrangement
Note: *Operation power supply 24VDC: Recommended DC power supply: eg. OMRON s8VS
Terminal No.
Name
Description
A-B
Operation power
Connect the operation power supply.
C-B
Event input or pulse/contact input
Operates as follows depending on parameter
setting:
• Holds process value.
• Calibrate the process value to zero and clear
the forced-zero function.
• Pulse or contact input.
C-A
D,F-E
Analog input
Connect the voltage or current analog input.
G-H
Communications
RS-485 communications terminals.
I,K-L
Outputs
Outputs relay or transistor outputs. There is
also a PASS output for models with transistor
outputs.
I,J,K-L
B (+)
A (
−)
78
7
8
C
12
3
1
2
3
A
910 11 12
910 11 12
910 11
12
D
45
6
B
C
D
AB
78
9 10 11 12
12
3
4
56
Output terminals
Input terminals
NC
NC
RS-485
OUT1
PASS
NC
OUT2
COM
OUT1
OUT2
COM
OUT1 PASS OUT2
COM
Voltage Current
Analog input
COM
Event or pulse/contact input
Event or pulse/contact input
Operation
power supply
24 VDC*
Operation
power supply
24 VDC*


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn