Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 4 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
K-10
1/32 DIN Digital Panel Meter
K3GN
■ Measuring Ranges
Process Voltage/Current Inputs
No-voltage Contact/Open Collector Inputs
Digital Data Display (By RS-485 Communications)
■ Input/Output Ratings
Relay Contact Output
(Incorporating G6K Relays)
Transistor Output
■ Communications Specifications
Refer to N102 Operation Manual for more details.
Input
Measuring range
Measuring accuracy
Input impedance
Displayable range
DC voltage
1.000 to 5.000 V/
0.000 to 5.000 V
±0.1% FS ±1 digit max.
(at 23
±3°C)
1 M
Ω min.
−19999 to 99999
(with scaling function)
−5.000 to 5.000 V
±0.1% FS ±1 digit max.
(at 23
±5°C)
−10.00 to 10.00 V
DC current
4.00 to 20.00 mA/
0.00 to 20.00 mA
±0.1% FS ±1 digit max.
(at 23
±3°C)
60
Input
Measuring range
Measuring accuracy
(at 23
±5°C)
Displayable range
No-voltage contact (30 Hz max.) with ON/
OFF pulse width of 16 ms min.
0.05 to 30.00 HZ
±0.1% FS ±1 digit max.
−19999 to 99999
(with scaling function)
Open collector (5 kHz max.) with ON/OFF
pulse width of 90
µs min.
0 to 5000 HZ
Displayable range
−19999 to 99999
Item
Resistive load (cos
φ = 1)
Rated load
1 A at 30 VDC
Rated carry current
1 A max. (at COM terminal)
Max. contact voltage
60 VDC
Max. contact current
1 A (at COM terminal)
Max. switching capacity
30 VA
Min. permissible load
(P level, reference value)
10 mV, 10
µA
Mechanical life
50,000,000 times min. (at a switching frequency of 36,000 times/hr)
Electrical life
(at an ambient temperature of 23
°C)
100,000 times min. (at the rated load with a switching frequency of 1,800 times/hr)
Rated load voltage
24 VDC
Max. load current
50 mA
Leakage current
100
µA max.
Item
RS-485
Transmission method
2-wire, half-duplex
Synchronization method
Start-stop synchronization
Baud rate
1,200/2,400/4,800/9,600/19,200 bps
Transmission code
ASCII
Communications
Reading/Writing to
the K3GN
Read/write set values, read/write scaling values, enable/disable the writing of data through commu-
nications, forced-zero control, and other data.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn