Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 21 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 21 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
1/32 DIN Digital Panel Meter
K3GN
K-27
Initial Setting Procedure
1. Check the wiring and turn ON the power.
2. Set pulse input as the input type.
If a measurement value is displayed (operation level), move to the
initial setting level by holding down the Level Key for 3 s min.
Set parameter in-t to pulse.
3. Set the pulse frequency to 30 Hz.
The input pulse frequency for the application is approximately
2 Hz and so can be assumed not to exceed 30 Hz. Set parameter
p-fre
to 30.
4. Set the scaling values.
Set parameter inp to 10.
Set parameter dsp to 56549.
5. Set the decimal point.
Set parameter dp to %%.%%%.
6. Operating action for OUT1 and OUT2 set values.
Set parameter out1.t to hi.
Set parameter out2.t to lo.
7. Set OUT1 set value to 10.500 and OUT2 set value to 9.500.
If an initial setting level parameter is displayed, press the Level
Key for 1 s min. to return to the operation level.
Set parameter out1 to 10.500.
Set parameter out2 to 9.500.
8. Start actual operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn