Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 2 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
K-8
1/32 DIN Digital Panel Meter
K3GN
Ordering Information
■ List of Models
Specifications
■ Ratings
Note: A control power supply capacity greater than the rated capacity is required when the Digital Panel Meter is turned ON. Do not forget to take
this into consideration when using several Digital Panel Meters. When power is supplied, all indicators will light and outputs will be OFF.
When using startup compensation time operation, the display will read “00000” and all outputs will be OFF.
Input type
Supply
voltage
Output
Communications
No communications
RS-485
DC voltage/current, NPN
24 VDC
Dual relays (SPST-NO)
K3GN-NDC 24 VDC
K3GN-NDC-FLK 24 VDC
Three NPN open collector
K3GN-NDT1 24 VDC
K3GN-NDT1-FLK 24 VDC
DC voltage/current, PNP
Dual relays (SPST-NO)
K3GN-PDC 24 VDC
K3GN-PDC-FLK 24 VDC
Three PNP open collector
K3GN-PDT2 24 VDC
K3GN-PDT2-FLK 24 VDC
Supply voltage
24 VDC
Operating voltage range
85% to 110% of the rated supply voltage
Power consumption (see note)
2.5 W max. (at max. DC load with all indicators lit)
Insulation resistance
20 M
Ω min. (at 500 VDC) between external terminal and case.
Insulation provided between inputs, outputs, and power supply.
Dielectric strength
1,000 VAC for 1 min between external terminal and case.
Insulation provided between inputs, outputs, and power supply.
Noise immunity
±480 V on power supply terminals in normal mode, ±1,500 V in common mode, ±1 µs, or 100 ns for square-
wave noise with 1 ns
Vibration resistance
Malfunction: 10 to 55 Hz, 10 min each in X, Y, and Z directions; acceleration: 9.8 m/s2
Destruction: 10 to 55 Hz, 30 min each in X, Y, and Z directions; acceleration: 19.6 m/s2
Shock resistance
Malfunction: Models with transistor outputs: 196 m/s2 for 3 times each in X, Y, and Z directions
Models with relay contact outputs: 98 m/s2 for 3 times each in X, Y, and Z directions
Destruction: 294 m/s2 for 3 times each in X, Y, and Z directions
Ambient temperature
Operating:
−10°C to 55°C (with no condensation or icing)
Storage:
−25°C to 65°C (with no condensation or icing)
Ambient humidity
Operating:
25% to 85% (with no condensation)
EMC
(EMI)
EN61326+A1
Industry
Emission Enclosure:
CISPR 11 Group 1 class A: CISRP16-1/-2
Emission AC Mains:
CISPR 11 Group 1 class A: CISRP16-1/-2
(EMS)
EN61326+A1
Industry
Immunity ESD:
EN61000-4-2:
4 kV contact discharge (level 2)
8 kV air discharge (level 3)
Immunity RF-interference:
EN61000-4-3:
10 V/m (amplitude-modulated,
80 MHz to 1 GHz) (level 3)
Immunity Fast Transient Noise:
EN61000-4-4:
2 kV (power line) (level 3)
Immunity Burst Noise:
1 kV line to line (I/O signal line)
Immunity Surge:
EN61000-4-5:
1 kV line to line
2 kV line to ground (power line)
Immunity Conducted Disturbance EN61000-4-6:
3 V (0.15 to 80 MHz) (level 2)
Immunity Voltage Dip/Interrupting EN61000-4-11:
0.5 cycles, 0, 180
°, 100% (rated voltage)
Approved standards
UL508, CSA22.2;
Conforms to EN61326+A1, EN61010-1 (IEC61010-1)
Conforms to VDE0106/P100 (finger protection) when the terminal cover is mounted.
Weight
Approx. 100 g


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn