Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 17 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 17 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
1/32 DIN Digital Panel Meter
K3GN
K-23
− −
Press Level Key
for less than 1 s.
For analog input
For pulse input
For pulse input
Press Level Key
for more than 1 s.
Enter password "
−0169"
Unit: times
Unit: s
Unit: s
Unit: s
Unit: ms
For pulse input
Input type
Analog
Pulse
Baud rate
Stop bits
Parity bits
None
Even
Odd
Initial setting level
Green (red)
Green
Red (green)
Red
Unit: Hz
Upper Limit
Lower Limit
Upper Limit
Lower Limit
Unit: s
For analog input
Enter password "1201"
Calibration level
Communications
setting level
Commu-
nications
unit no.
Word
length
Press Level Key
for more than 3 s.
Press Level
Key
for
more than 1 s.
Remote
(digital
data display)
Analog
input
range
Input-pulse
frequency
range
For analog/
remote input
Input
value 1
for
scaling
Display
value 1
for
scaling
Input
value 2
for
scaling
Display
value 2 for
scaling
Input
value for
scaling
Display
value for
scaling
Decimal
point
position
Operating
Action for
OUT1 set
value
Operating
Action for
OUT2 set
value
Move to
advanced
function
setting level
Upper/Lower
Limits
Upper/Lower
Limits
Move to
calibration
level
Send
waiting
time
Move-to-
protect-
level time
Display
Auto-return
time
Display
color
change
Startup
compen-
sation
time
Auto-zero
time
OUT2
Hysteresis
OUT1
Hysteresis
For analog/
remote input
HOLD/
ZERO
selection
Average
processing
Parameter
initialization
Advanced function
setting level
− −
− −
− −
− −


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn