Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 15 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 15 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
1/32 DIN Digital Panel Meter
K3GN
K-21
■ Levels
“Level” refers to a grouping of parameters. The following table lists the operations that are possible in each of the levels, and how to move between
levels. There are some parameters that are not displayed for certain models.
Note: The move to protection level time can be set in the advanced function setting level.
Level name
Function
Measurement
Protect
Setting lockouts.
Continue
Operation
Displaying process values, setting/clearing forced-zero function, and
setting OUT 1/2 set values.
Continue
Adjustment
Setting communications writing control.
Continue
Initial setting
Making initial settings of input type, scaling, output operating action,
and other parameters.
Stopped
Communications setting
Setting baud rate, word length, and other communications data.
Stopped
Advanced function setting
Setting average processing, display color settings, and other ad-
vanced function parameters.
Stopped
Calibration
Setting user calibration of the inputs.
Stopped
+
+
-1234.5
Protection
Operation
Adjustment
Power ON
1 s min.
1 s min.
Initial setting
Password "
−0169"
1 s min.
Calibration
Password "1201"
Continue to press the key for 2 s min.
Indicates change of level.
1 s min.
Less than 1 s
Less than 1 s
(see note)
Time set
by user
Flashing stops if key
is released.
Communications
setting
Advanced function
setting


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn