Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 14 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 14 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
K-20
1/32 DIN Digital Panel Meter
K3GN
Operating Procedures
■ Initial Settings
Specify set value of OUT 1 and 2.
Measurement starts.
Power ON
Press the Level Key
@ for 3 s min. to move to the initial setting
level.
Select the input type and specify the analog input range or
pulse frequency input range.
Set the scaling values and specify output operating action as
required.
With communications output models, press the Level Key
@ for
less than 1 s to move to the communications setting level.
After making communications settings, press the Level Key
@
for less than 1 s to move to the initial setting level.
Move to the advanced function setting level and make settings
for average processing, HOLD/ZERO selection, hysteresis val-
ues, auto-zero time, startup compensation time, display color
programming, and other advanced function parameters as re-
quired.
Press the Level Key
@ for less than 1 s min. to return to the
operation level.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn