Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 12 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 12 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
K-18
1/32 DIN Digital Panel Meter
K3GN
Monitoring of Motor Load Current
If the startup time compensation of the K3GN is enabled, the K3GN
will not be influenced by the inrush current from starting the motor,
and no signal will be output from the K3GN.
Note: *Power Supply: Recommended DC power supply:
eg. OMRON S8VS.
Monitoring Difference between Two
Line Speeds
The difference between the two line speeds is calculated by the PLC
and the result is written via RS-485 to the K3GN where it is dis-
played.
Position Indication on X-Y Table
The position on the X-Y table is calculated by the PLC and the result
is written via RS-485 to the K3GN where it is displayed. The scaling
function can be used to display the result in millimeter units.
Monitoring the Remaining Quantity of
Soup
The distance to the surface of the soup is detected with an ultrasonic
sensor and, based on this distance, the K3GN displays the remaining
quantity. When the remaining quantity of soup decreases to less than
20%, the K3GN lights the “Replenish” indicator.
Monitoring Number of Motor
Revolutions
Note: *Power Supply: Recommended DC power supply:
eg. OMRON S8VS.
Power supply*
Signal input
K3GN
24-VDC power supply*
Electroma-
gnetic relay
K3FK
CT Converter
OUT1
(Upper-limit
alarm)
OUT2
(Lower-limit
alarm)
RS-485 communications output
(calculation result)
K3GN
(Set the in-
put type to
"Remote").
X
Y
PLC
mm
mm
00
135.4
PLC
X-Y Table
RS-485 Communica-
tion output
K3GN
(Set the in-
put type to
"Remote".)
100 %
20 %
4 to 20 mA
K3GN
Volume of soup
OUT 1
Replenish
E4PA-LS50-M1
Ultrasonic Sensor
Large
cup
Medium
cup
Small
cup
Power supply*
Signal input
24-VDC power supply*
Electromagnetic relay
0 to 1 A
4 to 20 mA
K3FK CT Converter
K3GN-NDC
K3GN-NDC
OUT1 (Upper limit)
OUT1 (Upper limit)
OUT2 (Lower limit)
OUT2 (Lower limit)
E2E Proximity
Sensor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn