Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 11 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 11 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
1/32 DIN Digital Panel Meter
K3GN
K-17
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Application Examples
Detection of Dust Exhaust
The change in the density of the dust is detected via the E3SA and
discriminated by the K3GN.
Monitoring of Tank Pressure
The output of the pressure sensor is processed and the pressure is
displayed. Remote monitoring of the operation is possible with the
communications function.
22.2
+0.3
0
22.2
+0.3
0
45
+0.6
0
3.6 mm
7 mm
Main Display Character Size
Panel Cutouts
Gang Mounting
(48
× No. of Panels − 2.5) +1.0
0
40 min.
Separate
mounting
The products cannot be
made waterproof when
gang-mounted.
The K3GN uses M3 terminals. A terminal
cover is provided.
Exhaust
Grinder
Dust collecting machine
E3SA
4 to 20 mA
K3GN
OUT2
(Upper upper-
limit alarm)
Device stops
OUT1
(Upper-limit
alarm) Output
reduction
instruction
Foam
Beer
Tank
Exhaust valve
Pump
K3GN
Host PC
RS-485
RS-232C
E8AA
Pressure
Sensor


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn