Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 1 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/32 DIN Digital Panel Meter
K3GN
K-7
1/32 DIN Digital Panel Meter
K3GN
Compact and Intelligent Digital Panel Meter
• A single Panel Meter covering a wide range of applications.
3 main applicable functions:
• Process meter (DC voltage/current input).
• RPM processor/tachometer (frequency input).
• Digital data display for PC/PLC (RS-485 communications).
• Easy configuration
• Multi-range analog input: applicable for all standard analog
signals.
6 input ranges available: 4 to 20 mA/0 to 20 mA, 1 to 5 VDC/
0 to 5 VDC,
±5 VDC, ±10 VDC.
• 5 KHz max. input-pulse frequency range.
• Scaling in a wide range of engineering units.
• Programmable output operation action, decimal point
position setting, teaching function for input range, leading
zero suppression, average processing.
• Advanced and compact design
• Very compact 1/32 DIN housing: 48 (W) x 24 (H) x 83 (D).
• 5-digit display with programmable display color in red or
green.
• Good visibility: High contrast backlit LCD display.
• High protection against water and dust: NEMA4X/IP66 front
panel.
• Selectable outputs: 2 relay outputs, 3 transistor outputs,
RS-485, and combinations of these.
• High accuracy:
±0.1% full scale.
• Easy to configure through the front panel or via RS-485.
• EN/IEC conformity with CE marking and UL/CSA approval.
®
Model Number Structure
■ Model Number Legend
1. Input Type
ND:
DC voltage/current, NPN
PD:
DC voltage/current, PNP
2. Output Type
C:
2 relay contact outputs (SPST-NO)
T1:
3 transistor outputs (NPN open collector)
T2:
3 transistor outputs (PNP open collector)
3. Communications Output Type
None: Communications not supported
FLK: RS-485
24 VDC
12
3
K3GN -
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn