Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K3GN Datasheet(PDF) 9 Page - Omron Electronics LLC

Part No. K3GN
Description  1/32 DIN Digital Panel Meter
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

K3GN Datasheet(HTML) 9 Page - Omron Electronics LLC

Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
1/32 DIN Digital Panel Meter
K3GN
K-15
Startup Compensation Time (Pulse
Input Only)
The startup compensation time parameter keeps the measurement
operation from sending an unnecessary output corresponding to
instantaneous, fluctuating input from the moment the K3GN is turned
ON until the end of the preset period.
The compensation time can be set in a range from 0.0 to 99.9 sec-
onds as the waiting time until the devices subject to measurement
become stable after the startup of the power supply.
Changing the Display Color
The display can be programmed to change color when an output
turns ON. In an example, the K3GN can be programmed to display
Green for normal, and Red for errors. The color can be set to change
from either green to red or red to green when output turns ON.
K3GN can also be programmed to display only one unchanging
color: Red or Green.
Teaching
An actual measured value as a set value without any front panel key
input can be set with the teaching function. Teaching is useful for
making settings while checking the operation status of K3GN.
Forced-zero Function
It is possible to shift the zero point to a desired value (such as might
be required when adjusting reference values) with one touch of the
Up/Zero Key on the front panel.
Configurable Output Operating Action
Output 1 and output 2 can be set to operate in one of the 3 following modes:
• Upper limit (High Acting):
The output is turned ON when the measured value is greater than its set value.
• Lower limit (Low Acting):
The output is turned ON when the measured value is less than its set value.
• Upper and lower limits (Outside band Acting):
An upper limit (H set value) and lower limit (L set value) can be set independently.
The output is turned ON when the measured value is greater than upper-limit set value or less than the lower-limit set value.
Only transistor outputs have a PASS output which is output when both OUT1 and OUT2 are OFF.
The three types of output operations shown above can be combined as desired. The following are examples of possible combinations.
OUT1
OUT2
SV
ZERO
HOLD
CMW
Upper Limit (High Acting)
OUT1/2 set value
Measurement value
ON
OFF
Output
Hysteresis
Lower Limit (Low Acting)
OUT1/2 set value
ON
OFF
Output
Hysteresis
Hysteresis
Measurement value
Hysteresis
ON
OFF
Output
Measurement value
Upper and Lower Limits
(Outside Band Acting)
Upper-limit set value
for OUT1/2
Lower-limit set value
for OUT1/2
Upper Limit 2-stage Output
Threshold Output
ON
OFF
OUT2
ON
OFF
OUT1
OUT1 set value
ON
OFF
OUT2
ON
OFF
OUT1
ON
OFF
OUT2
ON
OFF
OUT1
OUT2
set value
OUT1
set value
Measurement
value
Upper-limit OUT2
set value
Upper-limit OUT1
set value
Lower-limit OUT1
set value
Lower-limit OUT2
set value
Measurement
value
Combination of Upper Limit and
Upper/Lower Limits
Upper-limit
OUT2 set value
Lower-limit
OUT2 set value
Measurement
value


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn