Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C140-45PI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C140-45PI
Description  1K x 8 Dual-Port Static Ram
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C140-45PI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C140-45PI Datasheet HTML 1Page - Cypress Semiconductor CY7C140-45PI Datasheet HTML 2Page - Cypress Semiconductor CY7C140-45PI Datasheet HTML 3Page - Cypress Semiconductor CY7C140-45PI Datasheet HTML 4Page - Cypress Semiconductor CY7C140-45PI Datasheet HTML 5Page - Cypress Semiconductor CY7C140-45PI Datasheet HTML 6Page - Cypress Semiconductor CY7C140-45PI Datasheet HTML 7Page - Cypress Semiconductor CY7C140-45PI Datasheet HTML 8Page - Cypress Semiconductor CY7C140-45PI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CY7C130/CY7C131
CY7C140/CY7C141
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage to Ground Potential
(Pin 48 to Pin 24) ........................................... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage............................................ –3.5V to +7.0V
Output Current into Outputs (LOW) ............................. 20 mA
Static Discharge Voltage .......................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .................................................... >200 mA
Notes:
3.
15 and 25-ns version available only in PLCC/PQFP packages.
4.
Shaded area contains preliminary information.
5.
TA is the “instant on” case temperature
Pin Configuration (continued)
1
Top View
PLCC
OER
A0R
8
9
10
11
12
13
14
15
16
17
18
19
20
46
45
44
43
42
41
40
39
38
37
36
35
34
2122 2324252627282930313233
7 6 5 4 3 2
52 51 50 49 48 47
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
NC
I/O7R
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
I/O3L
C130-3
7C131
7C141
46
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
1415 16 17 18 19 20 21 22 23 24 25 26
52 5150 49 4847
454443424140
Top View
PQFP
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
NC
I/O7R
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
I/O3L
C130-4
7C131
7C141
Selection Guide
7C131-15[3,4]
7C141-15
7C131-25[3]
7C141-25
7C130-30
7C131-30
7C140-30
7C141-30
7C130-35
7C131-35
7C140-35
7C141-35
7C130-45
7C131-45
7C140-45
7C141-45
7C130-55
7C131-55
7C140-55
7C141-55
Maximum Access Time (ns)
15
25
30
35
45
55
Maximum Operating
Current (mA)
Com’l/Ind
190
170
170
120
90
90
Military
170
120
120
Maximum Standby
Current (mA)
Com’l/Ind
75
65
65
45
35
35
Military
65
45
45
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V ± 10%
Industrial
–40
°C to +85°C
5V ± 10%
Military[5]
–55
°C to +125°C
5V ± 10%


Similar Part No. - CY7C140-45PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C140-45PI CYPRESS-CY7C140-45PI Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C140-45PI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com