Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS32GB04N1P Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OS32GB04N1P
Description  Switch fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS32GB04N1P Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OS32GB04N1P Datasheet HTML 4Page - List of Unclassifed Manufacturers OS32GB04N1P Datasheet HTML 5Page - List of Unclassifed Manufacturers OS32GB04N1P Datasheet HTML 6Page - List of Unclassifed Manufacturers OS32GB04N1P Datasheet HTML 7Page - List of Unclassifed Manufacturers OS32GB04N1P Datasheet HTML 8Page - List of Unclassifed Manufacturers OS32GB04N1P Datasheet HTML 9Page - List of Unclassifed Manufacturers OS32GB04N1P Datasheet HTML 10Page - List of Unclassifed Manufacturers OS32GB04N1P Datasheet HTML 11Page - List of Unclassifed Manufacturers OS32GB04N1P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Switch fuses OS32...160 A Gamma Series | Dimension drawings 11
The measurements in the dimension drawings are preliminary and may be altered.
Switch fuses OS32G...160G_
Dimension drawings
OS100GJ_
T
O
O
F
F
ON
M5
95,5
3,76
46
4,81
36
1,42
33,4
1,31
20
0,79
8,5
0,33
71,5
2,81
B
A
35
1,38
6
0,24
220
8,66
172
6,77
60
2,36
36
1,42
138...205 (OXP 6x161)
5,35...8,07
81/3,19
69/2,72
2,5
0,10
38
1,50
138,5
5,45
125,5
4,94
65
2,56
min 14
0,55
104,5/4,11
OS100GJ
mm / in
mm / in
mm / in
mm / in
J11
J12
J13
J22
A
B
A1
A2
B1
B2
C1
C2
113/4,45
81/3,19
90/3,54
45/1,77
105/4,13
52,5/2,07
120/4,72
60/2,36
148/5,83
81/3,19
125/4,92
45/1,77
140/5,51
52,5/2,07
155/6,10
60/2,36
183/7,20
81/3,19
160/6,30
45/1,77
175/6,89
52,5/2,07
190/7,48
60/2,36
183/7,20
116/4,57
160/3,15
80/3,15
175/6,89
160/3,44
190/7,48
95/3,74
T
O
O
F
F
ON
T
O
O
F
F
ON
T
O
O
F
F
ON
A2
114
4,49
A1
110
4,33
B2
B1
C1
84
3,31
C2
mm
in
11
0,43
T
O
O
F
F
ON
95,5
3,76
46
1,81
17,5
0,69
53,3/2,10
11
0,43
46
1,81
35
1,38
A
M5
138...205 (OXP 6x161)
5,35...8,07
81/3,19
69/2,72
60/2,36
36
1,42
2,5
0,10
38
1,50
220
8,66
172
6,77
min 14
0,55
104,5/4,11
65
2,56
125,5
4,94
138,5
5,45
mm
in
45
1,77
6
0,24
OS100GJ
mm / in
mm / in
mm / in mm / in
J01
J02
J03
J04
A
A1
B1
C1
76,5/3,01
55/2,17
70/2,76
85/3,35
111,5/4,39
90/3,54
105/4,13
120/4,72
146,5/5,77
125/4,92
140/5,51
155/6,10
181,5/7,15
160/6,30
175/6,89
190/7,48
T
O
O
F
F
ON
T
O
O
F
F
ON
T
O
O
F
F
ON
C1
25
0,98
84
3,31
B1
17,5
0,69
110
4,33
114
4,49
A1
10
0,39
33,4
1,31
20
0,79
8,5
0,33


Similar Part No. - OS32GB04N1P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
OS30 MICROCHIP-OS30 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
List of Unclassifed Man...
OS30FACC12 ETC2-OS30FACC12 Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
OS30FAJ12 ETC2-OS30FAJ12 Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
logo
Microchip Technology
OS31 MICROCHIP-OS31 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
OptoSupply Internationa...
OS341712GD-B5SAS1C1A OPTOSUPPLY-OS341712GD-B5SAS1C1A Datasheet
44Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
More results

Similar Description - OS32GB04N1P

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-12-008-4650 HARTING-09-12-008-4650 Datasheet
548Kb / 2P
   Han-Power S metal w. switch/fuses/LEDs
2021-11-20
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
   FUSES
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
   FUSES
2019
logo
Littelfuse
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com