Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OS32GDS40N2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OS32GDS40N2
Description  Switch fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS32GDS40N2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OS32GDS40N2 Datasheet HTML 2Page - List of Unclassifed Manufacturers OS32GDS40N2 Datasheet HTML 3Page - List of Unclassifed Manufacturers OS32GDS40N2 Datasheet HTML 4Page - List of Unclassifed Manufacturers OS32GDS40N2 Datasheet HTML 5Page - List of Unclassifed Manufacturers OS32GDS40N2 Datasheet HTML 6Page - List of Unclassifed Manufacturers OS32GDS40N2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OS32GDS40N2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OS32GDS40N2 Datasheet HTML 9Page - List of Unclassifed Manufacturers OS32GDS40N2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 Ordering information | Switch fuses OS32...160 A Gamma series
Ordering information
Front operated switch fuses
Including a black ON-OFF plastic handle and shaft as standard. OS50G_ include protected tunnel
terminals (IP20) and OS125G include a terminal bolt kit. The handle is IP65 protected, padlockable
in the OFF-position and with door interlock in the ON-position and when padlocked. The shaft is
adjustable for a range of installation depths.
Rated op.
Rated op.
Fuse
Number
Type
Order number
Units/
Weight/
current
power
size
of
type
unit
AC-20...23
AC-23
poles
[pcs]
[kg]
≤ 690V
400/500/690V
[A]
[kW]
Mechanism between the poles
50
22/30/37
14x51
3
OS50GF12P
1SCA115553R1001 1
1.3
50
22/30/37
14x51
4
OS50GF22N1P
1SCA114622R1001 1
1.6
50
22/30/37
14x51
4
OS50GF22FP
1SCA114623R1001 1
1.6
125
55/75/110 22x58
3
OS125GF12P
1SCA114624R1001 1
1.5
125
55/75/110 22x58
4
OS125GF22N1P
1SCA115893R1001 1
1.8
125
55/75/110 22x58
4
OS125GF22FP
1SCA115614R1001 1
1.8
Mechanism at the end of the switch fuse
50
22/30/37
14x51
3
OS50GF03P
1SCA115492R1001 1
1.3
50
22/30/37
14x51
4
OS50GF04N1P
1SCA115495R1001 1
1.6
50
22/30/37
14x51
4
OS50GF04FP
1SCA115498R1001 1
1.6
125
55/75/110 22x58
3
OS125GF03P
1SCA115602R1001 1
1.5
125
55/75/110 22x58
4
OS125GF04N1P
1SCA115888R1001 1
1.8
125
55/75/110 22x58
4
OS125GF04FP
1SCA115606R1001 1
1.8
Side operated switch fuses without handle and shaft
OS50G_ include protected tunnel terminals (IP20) and OS125G include a terminal bolt kit.
Rated op.
Rated op.
Fuse
Number
Type
Order number
Units/
Weight/
current
power
size
of
type
unit
AC-20...23
AC-23
poles
[pcs]
[kg]
≤ 690V
400/500/690V
[A]
[kW]
50
22/30/37
14x51
3
OS50GFS30
1SCA116050R1001 1
1.3
50
22/30/37
14x51
4
OS50GFS40N1
1SCA116058R1001 1
1.6
50
22/30/37
14x51
4
OS50GFS40F
1SCA116014R1001 1
1.6
125
55/75/110 22x58
3
OS125GFS30
1SCA115973R1001 1
1.5
125
55/75/110 22x58
4
OS125GFS40N1
1SCA115974R1001 1
1.8
125
55/75/110 22x58
4
OS125GFS40F
1SCA115975R1001 1
1.8
Shafts and handles included as standard /
Front operated switch fuses
Suitable for switches
Included shaftIncluded handle
Included terminal bolts
OS50G_
OXP6X161
OHB45J6
OS125G_
OXP6X161
OHB65J6
M8x25
OS_N1_ = Non-fused neutral on the left side
OS_F_ = Fused neutral
Switch fuses OS32G...160G_, NFC-types
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
OS125G_03P
OS50G_03P
ON
ON
O
F
F
O
F
F
ON
ON
O
F
F
O
F
F
OS50GFS_
(handle and the shaft to be
ordered separately)
OS125GFS_
(handle and the shaft to be
ordered separately)


Similar Part No. - OS32GDS40N2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
OS30 MICROCHIP-OS30 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
List of Unclassifed Man...
OS30FACC12 ETC2-OS30FACC12 Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
OS30FAJ12 ETC2-OS30FAJ12 Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
logo
Microchip Technology
OS31 MICROCHIP-OS31 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
OptoSupply Internationa...
OS341712GD-B5SAS1C1A OPTOSUPPLY-OS341712GD-B5SAS1C1A Datasheet
44Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
More results

Similar Description - OS32GDS40N2

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-12-008-4650 HARTING-09-12-008-4650 Datasheet
548Kb / 2P
   Han-Power S metal w. switch/fuses/LEDs
2021-11-20
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
   FUSES
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
   FUSES
2019
logo
Littelfuse
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com