Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2462QPWRG4Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2462QPWRG4Q1
Description  Low-Power Rail-to-Rail Input/Output Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2462QPWRG4Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2462QPWRG4Q1 Datasheet HTML 1Page - Texas Instruments TLV2462QPWRG4Q1 Datasheet HTML 2Page - Texas Instruments TLV2462QPWRG4Q1 Datasheet HTML 3Page - Texas Instruments TLV2462QPWRG4Q1 Datasheet HTML 4Page - Texas Instruments TLV2462QPWRG4Q1 Datasheet HTML 5Page - Texas Instruments TLV2462QPWRG4Q1 Datasheet HTML 6Page - Texas Instruments TLV2462QPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TLV2462QPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TLV2462QPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN
1IN+
GND
NC
1SHDN
NC
VDD+
2OUT
2IN
2IN+
NC
2SHDN
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN
1IN+
VDD+
2IN+
2IN
2OUT
4OUT
4IN
4IN+
GND
3IN+
3IN
3OUT
TLV2460-Q1, TLV2460A-Q1, TLV2461-Q1, TLV2461A-Q1
TLV2462-Q1, TLV2462A-Q1, TLV2463-Q1, TLV2463A-Q1, TLV2464A-Q1
www.ti.com
SGLS008F – MARCH 2003 – REVISED DECEMBER 2015
TLV2463-Q1, TLV2463A-Q1 PW Package
TLV2463-Q1, TLV2463A-Q1 PW Package
14-Pin TSSOP
14-Pin TSSOP
Top View
Top View
NC – No internal connection
14-Pin Functions
PIN
I/O
DESCRIPTION
NAME
TLV2463-Q1, TLV2463A-Q1
TLV2464A-Q1
1IN
2
2
I
Inverting input, channel 1
1IN+
3
3
I
Noninverting input, channel 1
1OUT
1
1
O
Output, channel 1
1SHDN
6
I
Shutdown for channel 1
2IN
12
6
I
Inverting input, channel 2
2IN+
11
5
I
Noninverting input, channel 2
2OUT
13
7
O
Output, channel 2
2SHDN
9
I
Shutdown for channel 2
3N
9
I
Inverting input, channel 3
3IN+
10
I
Noninverting input, channel 3
3OUT
8
O
Output, channel 3
4IN
13
I
Inverting input, channel 4
4IN+
12
I
Noninverting input, channel 4
4OUT
14
O
Output, channel 4
IN
I
Inverting input
IN+
I
Noninverting input
GND
4
11
Negative (lowest) supply
NC
5, 7, 8, 10
No internal connection
OUT
O
Output
SHDN
I
Shutdown
VDD+
14
4
Positive (highest) supply
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV2460-Q1 TLV2460A-Q1 TLV2461-Q1 TLV2461A-Q1 TLV2462-Q1 TLV2462A-Q1 TLV2463-
Q1 TLV2463A-Q1 TLV2464A-Q1


Similar Part No. - TLV2462QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2462QPWRG4Q1 TI1-TLV2462QPWRG4Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2462QPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com