Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA228U Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA228U
Description  High Precision, Low Noise Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA228U Datasheet(HTML) 3 Page - Texas Instruments

  OPA228U Datasheet HTML 1Page - Texas Instruments OPA228U Datasheet HTML 2Page - Texas Instruments OPA228U Datasheet HTML 3Page - Texas Instruments OPA228U Datasheet HTML 4Page - Texas Instruments OPA228U Datasheet HTML 5Page - Texas Instruments OPA228U Datasheet HTML 6Page - Texas Instruments OPA228U Datasheet HTML 7Page - Texas Instruments OPA228U Datasheet HTML 8Page - Texas Instruments OPA228U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
DIP-14, SO-14
A
D
B
C
1
2
3
4
8
7
6
5
Trim
V+
Output
NC
Trim
–In
+In
V–
DIP-8, SO-8
NC = Not Connected
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
DIP-8, SO-8
A
B
OPA227, OPA2227, OPA4227
OPA228, OPA2228, OPA4228
www.ti.com
SBOS110B – MAY 1998 – REVISED JUNE 2015
5 Pin Configuration and Functions
OPA227, OPA228: P or D Package
OPA2227, OPA2228: P or D Package
8-Pin PDIP or 8-Pin SOIC
8-Pin PDIP or 8-Pin SOIC
Top View
Top View
OPA4227, OPA4228: N or D Package
14-Pin PDIP or 14-Pin-SOIC
Top View
Pin Functions: OPA227 and OPA228
PIN
I/O
DESCRIPTION
NAME
PDIP, SOIC
Offset Trim
1
I
Input offset voltage trim (leave floating if not used)
-In
2
I
Inverting input
+In
3
I
Noninverting input
V-
4
Negative (lowest) power supply
NC
5
No internal connection (can be left floating)
Output
6
O
Output
V+
7
Positive (highest) power supply
Offset Trim
8
Input offset voltage trim (leave floating if not used)
Pin Functions: OPA2227 and OPA2228
PIN
I/O
DESCRIPTION
NAME
PDIP, SOIC
Out A
1
O
Output channel A
–In A
2
I
Inverting input channel A
+In A
3
I
Noninverting input channel A
V-
4
Negative (lowest) power supply
+In B
5
I
Noninverting input channel B
–In B
6
I
Inverting input channel B
Out B
7
O
Output channel B
V+
8
Positive (highest) power supply
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA227 OPA2227 OPA4227 OPA228 OPA2228 OPA4228


Similar Part No. - OPA228U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA228U BURR-BROWN-OPA228U Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA228UA BURR-BROWN-OPA228UA Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA228UA TI-OPA228UA Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA228UA/2K5 BURR-BROWN-OPA228UA/2K5 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA228UA/2K5E4 BURR-BROWN-OPA228UA/2K5E4 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA228U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com