Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4188AID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4188AID
Description  Zero-Drift Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4188AID Datasheet(HTML) 1 Page - Texas Instruments

  OPA4188AID Datasheet HTML 1Page - Texas Instruments OPA4188AID Datasheet HTML 2Page - Texas Instruments OPA4188AID Datasheet HTML 3Page - Texas Instruments OPA4188AID Datasheet HTML 4Page - Texas Instruments OPA4188AID Datasheet HTML 5Page - Texas Instruments OPA4188AID Datasheet HTML 6Page - Texas Instruments OPA4188AID Datasheet HTML 7Page - Texas Instruments OPA4188AID Datasheet HTML 8Page - Texas Instruments OPA4188AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
145
125
105
85
65
45
25
5
-55
-15
5
25
150
Temperature ( C)
°
-35
45
65
85
105
OPA4188 Zero-Drift Architecture
Precision Laser Trim Architecture
125
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA4188
SBOS641C – JUNE 2012 – REVISED NOVEMBER 2015
OPA4188 0.03-
μV/°C Drift, Low-Noise, Rail-to-Rail Output,
36-V, Zero-Drift Operational Amplifiers
1 Features
3 Description
The
OPA4188
operational
amplifier
uses
TI
1
Low Offset Voltage: 25
μV (Maximum)
proprietary auto-zeroing techniques to provide low
Zero-Drift: 0.03
μV/°C
offset voltage (25
μV, maximum), and near zero-drift
Low Noise: 8.8 nV/
√Hz
over time and temperature. These miniature, high-
0.1-Hz to 10-Hz Noise: 0.25 µVPP
precision, low quiescent current amplifiers offer high
input impedance and rail-to-rail output swing within
Excellent DC Precision:
15 mV of the rails, making them ideal for industrial
PSRR: 142 dB
applications. The input common-mode range includes
CMRR: 146 dB
the negative rail. Either single or dual supplies can be
Open-Loop Gain: 136 dB
used in the range of 4 V to 36 V (±2 V to ±18 V).
Gain Bandwidth: 2 MHz
The quad version is available in 14-pin SOIC and 14-
Quiescent Current: 475
μA (Maximum)
pin TSSOP packages. All versions are specified for
Wide Supply Range: ±2 V to ±18 V
operation from –40°C to 125°C.
Rail-to-Rail Output:
Device Information(1)
Input Includes Negative Rail
PART NUMBER
PACKAGE
BODY SIZE (NOM)
RFI Filtered Inputs
SOIC (14)
8.65 mm × 3.91 mm
MicroSIZE Packages
OPA4188
TSSOP (14)
5.00 mm × 4.40 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Bridge Amplifiers
Strain Gauges
Test Equipment
Transducer Applications
Temperature Measurement
Electronic Scales
Medical Instrumentation
Resistance Temperature Detectors
Precision Active Filters
Zero-Drift Architecture Improves Performance
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA4188AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4188AID TI1-OPA4188AID Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188AIDR TI1-OPA4188AIDR Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4188AID

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
   Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
logo
Texas Instruments
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Linear Technology
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com