Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1622 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1622
Description  High-Fidelity, Bipolar-Input, Audio Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1622 Datasheet(HTML) 1 Page - Texas Instruments

  OPA1622 Datasheet HTML 1Page - Texas Instruments OPA1622 Datasheet HTML 2Page - Texas Instruments OPA1622 Datasheet HTML 3Page - Texas Instruments OPA1622 Datasheet HTML 4Page - Texas Instruments OPA1622 Datasheet HTML 5Page - Texas Instruments OPA1622 Datasheet HTML 6Page - Texas Instruments OPA1622 Datasheet HTML 7Page - Texas Instruments OPA1622 Datasheet HTML 8Page - Texas Instruments OPA1622 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
5k
10k
15k
20k
Frequency (Hz)
C005
-133.6 dBc (Second Harmonic)
+
-
VDC
Audio DAC
Headphone
Output
R1
R2
R3
R4
ROUT
ROUT
VAC
VAC
C1
C2
OPA1622
499
499
768
470 pF
470 pF
768
Burr-BrownAudio
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA1622
SBOS727A – NOVEMBER 2015 – REVISED NOVEMBER 2015
OPA1622 SoundPlus™ High-Fidelity, Bipolar-Input, Audio Operational Amplifier
1 Features
3 Description
The
OPA1622,
dual,
bipolar-input,
SoundPlus™
1
High-Fidelity Sound Quality
audio operational amplifier achieves a very low, 2.8-
Ultralow Noise: 2.8 nV/
√Hz at 1 kHz
nV/
√Hz noise density with an ultralow THD+N of
Ultralow Total Harmonic Distortion + Noise:
–119.2 dB at 1 kHz, while driving a 32-
Ω load at 100-
–119 dB THD+N (142 mW/Ch into 32
Ω/Ch)
mW output power. The OPA1622 offers extremely-
high
ac
PSRR
and
CMRR
specifications
that
Wide Gain Bandwidth Product:
eliminate noise from power supplies, making the
32 MHz (G = +1000)
OPA1622 ideal for use in portable-audio applications.
High Slew Rate: 10 V/
μs
This device also has a high output-drive capability of
High Capacitive-Load Drive Capability: > 600 pF
+145 mA / –130 mA.
High Open-Loop Gain: 136 dB (600-
Ω Load)
The OPA1622 operates over a very wide supply
Low Quiescent Current: 2.6 mA per Channel
range of ±2 V to ±18 V, on only 2.6 mA of supply
current per channel. The OPA1622 op amp is unity-
Low-Power Shutdown Mode With Reduced Pop
gain stable and provides excellent dynamic behavior
and Click Noise: 5
μA per Channel
over a wide range of load conditions. The OPA1622
Short-Circuit Protection
includes a shutdown mode, allowing the amplifiers to
Wide Supply Range: ±2 V to ±18 V
be switched from normal operation to a standby
current that is typically less than 5 µA. This shutdown
Available in small VSON-10 µPackage
feature is specifically designed to eliminate click and
pop noise when transitioning into or out of shutdown
2 Applications
mode.
High-Fidelity (HiFi) Headphone Drivers
The OPA1622 features a unique internal layout for
Professional Audio Equipment
lowest crosstalk, and freedom from interactions
Analog and Digital Mixing Consoles
between
channels,
even
when
overdriven
or
overloaded. This device is specified from –40°C to
Audio Test and Measurement
+125°C.
High-End Blu-ray™ Players
High-End Audio and Video (A/V) Receivers
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA1622
VSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
OPA1622 in a High-Fidelity Headphone Driver
FFT: 1 kHz, 32-
Ω Load, 50 mW
Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA1622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
More results

Similar Description - OPA1622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1622 TI-OPA1622 Datasheet
2Mb / 36P
[Old version datasheet]   OPA1622 SoundPlus??High-Fidelity, Bipolar-Input, Audio Operational Amplifier
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com